Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ATS672LSB-LT Datasheet(PDF) 8 Page - Allegro MicroSystems

Part # ATS672LSB-LT
Description  Self-Calibrating Gear Tooth Sensor with 9-Bit Signal Capture
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALLEGRO [Allegro MicroSystems]
Direct Link  http://www.allegromicro.com
Logo ALLEGRO - Allegro MicroSystems

ATS672LSB-LT Datasheet(HTML) 8 Page - Allegro MicroSystems

Back Button ATS672LSB-LT Datasheet HTML 4Page - Allegro MicroSystems ATS672LSB-LT Datasheet HTML 5Page - Allegro MicroSystems ATS672LSB-LT Datasheet HTML 6Page - Allegro MicroSystems ATS672LSB-LT Datasheet HTML 7Page - Allegro MicroSystems ATS672LSB-LT Datasheet HTML 8Page - Allegro MicroSystems ATS672LSB-LT Datasheet HTML 9Page - Allegro MicroSystems ATS672LSB-LT Datasheet HTML 10Page - Allegro MicroSystems ATS672LSB-LT Datasheet HTML 11Page - Allegro MicroSystems ATS672LSB-LT Datasheet HTML 12Page - Allegro MicroSystems Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 15 page
background image
7
30Dec03, Rev. 1.42
Worcester, Massachusetts 01615-0036 (508) 853-5000
115 Northeast Cutoff, Box 15036
www.allegromicro.com
Allegro MicroSystems, Inc.
Self-Calibrating Gear Tooth Sensor with 9-Bit Signal Capture
ATS672LSB
Start-Up Detection. The ATS672 generates a digital output
transition when the first rising or falling mechanical edge is
detected after being powered-on, indicating when the first sig-
nificant motion in the target is detected.
Undervoltage Lockout. When the supply voltage falls below
the minimum operating voltage, VCCUV, the device turns off. It
then stays off, regardless of the state of the magnetic field, until
an operating range VCC is restored. It then turns on again. This
lockout feature prevents false signals, caused by undervoltage
conditions, from propagating to the output of the sensor.
Power Supply Protection. The device contains an on-chip
regulator and can operate over a wide VCC range. For devices
that need to operate from an unregulated power supply, transient
protection must be added externally. For applications using a
regulated line, EMI/RFI protection may still be required.Contact
Allegro Microsystems for information on the circuitry needed
for compliance with various EMC specifications.
Automatic Gain Control (AGC). The patented self-calibrat-
ing circuitry is unique. Each time the device is powered-on, the
device starts measuring the peak-to-peak magnetic gradient. The
gain of the sensor is automatically adjusted, keeping the internal
electrical signal amplitude constant over the air gap range, AG,
of the device. This feature provides consistent operational char-
acteristics independent of variances in the air gap.
Switch Points. Switch points are the levels of magnetic flux
density, B, which trigger switch turn-on and turn-off. When B
exceeds a certain limit, referred to as the Operate point (Bop),
the trigger provides a clean transition from off to on. When the
magnetic field falls below Bop by a certain limit, referred to as
the Release point, Brp, the trigger provides a clean transition
from on to off.
In the ATS672, switch points are established dynamically as a
percentage of the amplitude of the normalized magnetic signal.
Two DACs track the peaks of the normalized magnetic signal,
and the switching thresholds are established at fixed percentages
of the two DAC values. The values of the thresholds have been
carefully selected to provide the most accurate and consistent
switching where the signal is steepest and least affected by air
gap variation.
The figure below graphically demonstrates the establishment of
the switching threshold levels.
The low hysteresis of 10% provides high performance over the
full AG, and immunity to false switching due to noise, vibration,
backlash, or other transient events.
Mechanical Profile
Magnetic Gradient
AGMin
AGMax
AGMin
AGMax
(No amplification)
Electrical Signal
Response, with AGC
Ferrous Target
Automatic Gain Control (AGC). The AGC function corrects for
variances in the air gap. Differences in the air gap affect the
magnetic gradient, but AGC prevents that from affecting device
performance.
100%
Valley Signal
Tooth Signal
Bop Brp
Bop%
Brp%
Bhys
t
V
Switch Points. The ATS672 design minimizes hysteresis, Bhys.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com