Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ATS672LSB-LT Datasheet(PDF) 13 Page - Allegro MicroSystems

Part # ATS672LSB-LT
Description  Self-Calibrating Gear Tooth Sensor with 9-Bit Signal Capture
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALLEGRO [Allegro MicroSystems]
Direct Link  http://www.allegromicro.com
Logo ALLEGRO - Allegro MicroSystems

ATS672LSB-LT Datasheet(HTML) 13 Page - Allegro MicroSystems

Back Button ATS672LSB-LT Datasheet HTML 7Page - Allegro MicroSystems ATS672LSB-LT Datasheet HTML 8Page - Allegro MicroSystems ATS672LSB-LT Datasheet HTML 9Page - Allegro MicroSystems ATS672LSB-LT Datasheet HTML 10Page - Allegro MicroSystems ATS672LSB-LT Datasheet HTML 11Page - Allegro MicroSystems ATS672LSB-LT Datasheet HTML 12Page - Allegro MicroSystems ATS672LSB-LT Datasheet HTML 13Page - Allegro MicroSystems ATS672LSB-LT Datasheet HTML 14Page - Allegro MicroSystems ATS672LSB-LT Datasheet HTML 15Page - Allegro MicroSystems  
Zoom Inzoom in Zoom Outzoom out
 13 / 15 page
background image
12
30Dec03, Rev. 1.42
Worcester, Massachusetts 01615-0036 (508) 853-5000
115 Northeast Cutoff, Box 15036
www.allegromicro.com
Allegro MicroSystems, Inc.
Self-Calibrating Gear Tooth Sensor with 9-Bit Signal Capture
ATS672LSB
Example: VCC Adjustment, Package SE
Observe the absolute maximum ratings for the package,
specifically:
RθJA = 150 °C/W
TJ(max) = 170°C
Also observe the characteristic operating maximums:
VCC(max) = 26.5 V
ICC(max) = 11 mA
For a given TA (e.g., 150°C), first calculate the Maximum Allow-
able Power Dissipation, PD(max). Invert equation 1:
∆Tmax = TJ(max) – TA = 170°C – 150°C = 20°C
This provides the allowable increase to TJ resulting from internal
power dissipation. Then, invert equation 2:
PD(max) = ∆Tmax÷RθJA =20°C÷150 °C/W=133mW
This provides the corresponding allowable increase in power
level. Finally, invert equation 3 to determine the corresponding
supply voltage VCC:
VCC = PD(max) ÷ ICC(max)=133mW÷11mA=12 V
The result indicates that the device and package can dissipate
adequate amounts of heat at voltages up to 12 V, at TA = 150ºC.
Because VCC(max) is more than the calculated VCC, however, the
device requires additional heat sinking for operation between the
calculated VCC and VCC(max), under these conditions. If the cal-
culated VCC were greater than or equal to VCC(max), then opera-
tion up to VCC(max) would not require additional heat sinking.
vs. Ambient Temperature
Maximum Pow er Dissipation
Package SB: RθJA = 150ºC/W, TJ(max) = 170ºC
0
100
200
300
400
500
600
700
800
900
1000
1100
1200
1300
1400
1500
1600
20
40
60
80
100
120
140
160
180
TA (ºC)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com