Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ATS672LSB-LT Datasheet(PDF) 9 Page - Allegro MicroSystems

Part # ATS672LSB-LT
Description  Self-Calibrating Gear Tooth Sensor with 9-Bit Signal Capture
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALLEGRO [Allegro MicroSystems]
Direct Link  http://www.allegromicro.com
Logo ALLEGRO - Allegro MicroSystems

ATS672LSB-LT Datasheet(HTML) 9 Page - Allegro MicroSystems

Back Button ATS672LSB-LT Datasheet HTML 5Page - Allegro MicroSystems ATS672LSB-LT Datasheet HTML 6Page - Allegro MicroSystems ATS672LSB-LT Datasheet HTML 7Page - Allegro MicroSystems ATS672LSB-LT Datasheet HTML 8Page - Allegro MicroSystems ATS672LSB-LT Datasheet HTML 9Page - Allegro MicroSystems ATS672LSB-LT Datasheet HTML 10Page - Allegro MicroSystems ATS672LSB-LT Datasheet HTML 11Page - Allegro MicroSystems ATS672LSB-LT Datasheet HTML 12Page - Allegro MicroSystems ATS672LSB-LT Datasheet HTML 13Page - Allegro MicroSystems Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 15 page
background image
8
30Dec03, Rev. 1.42
Worcester, Massachusetts 01615-0036 (508) 853-5000
115 Northeast Cutoff, Box 15036
www.allegromicro.com
Allegro MicroSystems, Inc.
Self-Calibrating Gear Tooth Sensor with 9-Bit Signal Capture
ATS672LSB
Target
Sensor
Application Information
Target Design
The Hall-effect sensor can detect variations in magnetic flux
density generated by features of a target. To distinguish between
two features of a target, such as between a tooth and a valley of a
spur gear, there must be a minimum differential of 120 G in the
magnetic flux densities corresponding to the features, as measured
at the sensor.
The target must be mounted with an air gap in the range AG, the
distance between the target object and the plane of the Hall-
effect sensor as installed. In general, the nearer a target feature
is to the active area of the sensor, the greater the magnetic flux
density at the sensor.
The following figures and table specify a design that can be used
to construct a reference target. The target represents a ferrous
spur gear, with uniform tooth and valley widths. The target
would be mounted so that its axis of rotation is parallel to the
plane of the Hall-effect sensor element, and centered on the ele-
ment. When the target is produced to the specifications listed in
the Reference Target column of the table, the required differen-
tial (tooth peak to valley) in magnetic flux densities is generated.
Also in the table, the Minimum Required for TPOS column
provides specifications for a similar application. These values are
the minimum required for the TPOS function to operate accu-
rately, as defined in the Operating Characteristics table.
Reference Target Characteristics
Characteristic
Symbol
Description
Reference
Target 8X
Only
Minimum
Required for
TPOS
Units
Material
Target has uniform composition
CRS1018
–
–
Diameter
DO
Diameter of target, to valley
120
–
mm
Tooth Thickness
F
Breadth of tooth, with respect to sensor
6
5
mm
Tooth Height
Ht
Height of tooth, measured from the valley (DO)5
5
mm
Tooth Width
T
Width of tooth
22.5*
5
deg.
Valley Width
PC – T Width of valley, with PC = pitch of teeth
22.5*
13
deg.
*Resulting arc measures 23.6 mm in length at DO
8X Reference Target
For additional general application information, visit the Allegro
MicroSystems Web site at www. allegromicro.com.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com