Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TAS5706PAP Datasheet(PDF) 43 Page - Texas Instruments

Click here to check the latest version.
Part # TAS5706PAP
Description  20-W Stereo Digital Audio Power Amplifier with EQ and DRC
PDF  62 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TAS5706PAP Datasheet(HTML) 43 Page - Texas Instruments

Back Button TAS5706PAP Datasheet HTML 39Page - Texas Instruments TAS5706PAP Datasheet HTML 40Page - Texas Instruments TAS5706PAP Datasheet HTML 41Page - Texas Instruments TAS5706PAP Datasheet HTML 42Page - Texas Instruments TAS5706PAP Datasheet HTML 43Page - Texas Instruments TAS5706PAP Datasheet HTML 44Page - Texas Instruments TAS5706PAP Datasheet HTML 45Page - Texas Instruments TAS5706PAP Datasheet HTML 46Page - Texas Instruments TAS5706PAP Datasheet HTML 47Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 43 / 62 page
background image
www.ti.com
CLOCK CONTROL REGISTER (0x00)
DEVICE ID REGISTER (0x01)
TAS5706
SLOS550A – DECEMBER 2007 – REVISED DECEMBER 2007
In the manual mode, the clock control register provides a way for the system microprocessor to update the data
and clock rates based on the sample rate and associated clock frequencies. In the auto-detect mode, the clocks
are automatically determined by the TAS5706. In this case, the clock control register contains the auto-detected
clock status as automatically detected (D7–D2). Bits D7–D5 selects the sample rate. Bits D4–D2 select the
MCLK frequency. Bit D0 is used in manual mode only. In this mode, when the clocks are updated a 1 must be
written to D0 to inform the DAP that the written clocks are valid.
Table 3. Clock Control Register (0x00)
D7
D6
D5
D4
D3
D2
D1
D0
FUNCTION
0
0
0
–
–
–
–
–
fS = 32-kHz sample rate
0
0
1
–
–
–
–
–
fS = 38-kHz sample rate
0
1
0
–
–
–
–
–
fS = 44.1-kHz sample rate
0
1
1
–
–
–
–
–
fS = 48-kHz sample rate
(1)
1
0
0
–
–
–
–
–
fS = 88.2-kHz sample rate
1
0
1
–
–
–
–
–
fS = 96-kHz sample rate
1
1
0
–
–
–
–
–
fS = 176.4-kHz sample rate
1
1
1
–
–
–
–
–
fS = 192-kHz sample rate
–
–
–
0
0
0
–
–
MCLK frequency = 64
× f
S
(2)
–
–
–
0
0
1
–
–
MCLK frequency = 128
× f
S
(3)
–
–
–
0
1
0
–
–
MCLK frequency = 192
× f
S
–
–
–
0
1
1
–
–
MCLK frequency = 256
× f
S
(1)
–
–
–
1
0
1
–
–
MCLK frequency = 384
× f
S
(4)
–
–
–
1
1
0
–
–
MCLK frequency = 512
× f
S
(4)
–
–
–
1
1
1
–
–
Reserved
–
–
–
–
–
–
–
–
Reserved
–
–
–
–
–
–
1
–
Bit clock (SCLK) frequency = 48
× f
S
(5)
Bit clock (SCLK) frequency = 64
× f
S or 32 × fS (selected in register
–
–
–
–
–
–
0
–
0x04) (1)
–
–
–
–
–
–
–
0
Clock not valid (in manual mode only) (1)
–
–
–
–
1
Clock valid (in manual mode only)
(1)
Default values are in bold.
(2)
Rate not available for 32-, 44.1-, and 48-kHz data rates
(3)
Rate not available for 32-kHz data rate
(4)
Rate not available for 176.4-kHz and 192-kHz data rates
(5)
Rate only available for 192-fS and 384-fS MCLK frequencies
The device ID register contains the ID code for the firmware revision.
Table 4. General Status Register (0x01)
D7
D6
D5
D4
D3
D2
D1
D0
FUNCTION
0
–
–
–
–
–
–
–
Default (1)
–
0
1
0
1
0
0
0
Identification code
(1)
Default values are in bold.
Copyright © 2007, Texas Instruments Incorporated
Submit Documentation Feedback
43
Product Folder Link(s): TAS5706



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com