Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TAS5706PAP Datasheet(PDF) 17 Page - Texas Instruments

Click here to check the latest version.
Part # TAS5706PAP
Description  20-W Stereo Digital Audio Power Amplifier with EQ and DRC
PDF  62 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TAS5706PAP Datasheet(HTML) 17 Page - Texas Instruments

Back Button TAS5706PAP Datasheet HTML 13Page - Texas Instruments TAS5706PAP Datasheet HTML 14Page - Texas Instruments TAS5706PAP Datasheet HTML 15Page - Texas Instruments TAS5706PAP Datasheet HTML 16Page - Texas Instruments TAS5706PAP Datasheet HTML 17Page - Texas Instruments TAS5706PAP Datasheet HTML 18Page - Texas Instruments TAS5706PAP Datasheet HTML 19Page - Texas Instruments TAS5706PAP Datasheet HTML 20Page - Texas Instruments TAS5706PAP Datasheet HTML 21Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 62 page
background image
www.ti.com
TYPICAL CHARACTERISTICS, BTL CONFIGURATION
f − Frequency − Hz
20
VCC = 12 V
RL = 8 Ω
100
1k
10k
0.001
0.01
10
20k
0.1
G001
1
P = 0.5 W
P = 5 W
P = 2.5 W
f − Frequency − Hz
20
VCC = 18 V
RL = 8 Ω
100
1k
10k
0.001
0.01
10
20k
0.1
G002
1
P = 1 W
P = 10 W
P = 5 W
f − Frequency − Hz
20
VCC = 24 V
RL = 8 Ω
100
1k
10k
0.001
0.01
10
20k
0.1
G003
1
P = 1 W
P = 10 W
P = 5 W
PO − Output Power − W
0.01
VCC = 12 V
RL = 8 Ω
0.1
1
10
0.001
0.01
10
40
0.1
G004
1
f = 1 kHz
f = 10 kHz
f = 20 Hz
TAS5706
SLOS550A – DECEMBER 2007 – REVISED DECEMBER 2007
TOTAL HARMONIC DISTORTION + NOISE (BTL)
TOTAL HARMONIC DISTORTION + NOISE (BTL)
vs
vs
FREQUENCY
FREQUENCY
Figure 10.
Figure 11.
TOTAL HARMONIC DISTORTION + NOISE (BTL)
TOTAL HARMONIC DISTORTION + NOISE (BTL)
vs
vs
FREQUENCY
OUTPUT POWER
Figure 12.
Figure 13.
Copyright © 2007, Texas Instruments Incorporated
Submit Documentation Feedback
17
Product Folder Link(s): TAS5706



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com