Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TAS5706PAP Datasheet(PDF) 18 Page - Texas Instruments

Click here to check the latest version.
Part # TAS5706PAP
Description  20-W Stereo Digital Audio Power Amplifier with EQ and DRC
PDF  62 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TAS5706PAP Datasheet(HTML) 18 Page - Texas Instruments

Back Button TAS5706PAP Datasheet HTML 14Page - Texas Instruments TAS5706PAP Datasheet HTML 15Page - Texas Instruments TAS5706PAP Datasheet HTML 16Page - Texas Instruments TAS5706PAP Datasheet HTML 17Page - Texas Instruments TAS5706PAP Datasheet HTML 18Page - Texas Instruments TAS5706PAP Datasheet HTML 19Page - Texas Instruments TAS5706PAP Datasheet HTML 20Page - Texas Instruments TAS5706PAP Datasheet HTML 21Page - Texas Instruments TAS5706PAP Datasheet HTML 22Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 62 page
background image
www.ti.com
PO − Output Power − W
0.01
VCC = 18 V
RL = 8 Ω
0.1
1
10
0.001
0.01
10
40
0.1
G005
1
f = 20 Hz
f = 1 kHz
f = 10 kHz
PO − Output Power − W
0.01
VCC = 24 V
RL = 8 Ω
0.1
1
10
0.001
0.01
10
40
0.1
G006
1
f = 20 Hz
f = 1 kHz
f = 10 kHz
PO − Total Output Power − W
0.0
0.5
1.0
1.5
2.0
2.5
3.0
0
5
10
15
20
25
30
35
40
G008
VCC = 12 V
RL = 8 Ω
VCC = 24 V
VCC = 18 V
PO − Output Power (Per Channel) − W
0
10
20
30
40
50
60
70
80
90
100
0
5
10
15
20
25
30
G007
VCC = 12 V
VCC = 18 V
VCC = 24 V
RL = 8 Ω
TAS5706
SLOS550A – DECEMBER 2007 – REVISED DECEMBER 2007
TYPICAL CHARACTERISTICS, BTL CONFIGURATION (continued)
TOTAL HARMONIC DISTORTION + NOISE (BTL)
TOTAL HARMONIC DISTORTION + NOISE (BTL)
vs
vs
OUTPUT POWER
OUTPUT POWER
Figure 14.
Figure 15.
EFFICIENCY
SUPPLY CURRENT
vs
vs
OUTPUT POWER
TOTAL OUTPUT POWER
Figure 16.
Figure 17.
18
Submit Documentation Feedback
Copyright © 2007, Texas Instruments Incorporated
Product Folder Link(s): TAS5706



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com