Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TAS5706PAP Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # TAS5706PAP
Description  20-W Stereo Digital Audio Power Amplifier with EQ and DRC
PDF  62 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TAS5706PAP Datasheet(HTML) 1 Page - Texas Instruments

  TAS5706PAP Datasheet HTML 1Page - Texas Instruments TAS5706PAP Datasheet HTML 2Page - Texas Instruments TAS5706PAP Datasheet HTML 3Page - Texas Instruments TAS5706PAP Datasheet HTML 4Page - Texas Instruments TAS5706PAP Datasheet HTML 5Page - Texas Instruments TAS5706PAP Datasheet HTML 6Page - Texas Instruments TAS5706PAP Datasheet HTML 7Page - Texas Instruments TAS5706PAP Datasheet HTML 8Page - Texas Instruments TAS5706PAP Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 62 page
background image
1
FEATURES
DESCRIPTION
TAS5706
SLOS550A – DECEMBER 2007 – REVISED DECEMBER 2007
www.ti.com
20-W Stereo Digital Audio Power Amplifier with EQ and DRC
–
Programmable Input and Output Mixers
23
• Audio Input/Output
–
Loudness Compensation for Subwoofer
–
20-W into an 8-
Ω Load From an 18-V Supply
–
Automatic Sample-Rate Detection and
Coefficient Banking
–
Two Serial Audio Inputs (Four Audio
Channels)
• General Features
–
Supports Multiple Output Configurations:
–
Serial Control Interface Operational Without
MCLK
–
2-Ch Bridged Outputs (20 W
× 2)
–
Factory-Trimmed Internal Oscillator Avoids
–
4-Ch Single-Ended Outputs (10 W
× 4)
the Need for External Crystal
–
2-Ch Single-Ended + 1-Ch Bridged (2.1)
–
Surface Mount, 64-Terminal, 10-mm
×
(10 W
× 2 + 20 W)
10-mm HTQFP Package
• Closed Loop Power Stage Architecture
–
Thermal and Short-Circuit Protection
–
Improved PSRR Reduces Power Supply
Performance Requirements
–
Higher Damping Factor Provides for
The TAS5706 is a 20-W, efficient, digital audio power
Tighter, More Accurate Sound With
amplifier for driving stereo bridged-tied speakers. Two
Improved Bass Response
serial data inputs allow processing of up to four
–
Constant Output Power Over Variation in
discrete audio channels and seamless integration to
Supply
most digital audio processors and MPEG decoders,
• Wide PVCC Range From (10 V to 26 V)
accepting a wide range of input data and clock rates.
A
fully
programmable
data
path
allows
these
–
No Separate Supply Required for Gate
channels to be routed to the internal speaker drivers
Drive
or output via the subwoofer or headphone PWM
• Supports 32-kHz–192-kHz Sample Rates
outputs.
(LJ/RJ/I2S)
The TAS5706 is a slave-only device receiving all
• Headphone PWM Outputs
clocks from external sources. The TAS5706 operates
• Subwoofer PWM Outputs
at a 384-kHz switching rate for 32-, 48-, 96-, and
192-kHz data, and at a 352.8 kHz switching rate for
• AM Interference Avoidance Support
44.1-,
88.2-,
and
176.4-kHz
data.
The
8
×
• Audio/PWM Processing
oversampling combined with the fourth-order noise
–
Independent Channel Volume Controls With
shaper provides a flat noise floor and excellent
24-dB to –100-dB Range—Soft Mute (50%
dynamic range from 20 Hz to 20 kHz.
Duty Cycle)
–
Programmable Dynamic Range Control
–
16 Programmable Biquads for Speaker
Equalization
–
Adaptive Biquad Coefficients for EQ and
DRC Filters
1
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of
Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
2
PurePath Digital is a trademark of Texas Instruments.
3
All other trademarks are the property of their respective owners.
PRODUCTION DATA information is current as of publication date.
Copyright © 2007, Texas Instruments Incorporated
Products conform to specifications per the terms of the Texas
Instruments standard warranty. Production processing does not
necessarily include testing of all parameters.


Similar Part No. - TAS5706PAP

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TAS5706A TI-TAS5706A Datasheet
1Mb / 63P
20-W Stereo Digital Audio Power Amplifier with EQ and DRC
TAS5706A TI-TAS5706A Datasheet
1Mb / 65P
20-W Stereo Digital Audio Power Amplifier with EQ and DRC
TAS5706A TI1-TAS5706A Datasheet
1Mb / 71P
20-W Stereo Digital Audio Power Amplifier with EQ and DRC
TAS5706APAP TI1-TAS5706APAP Datasheet
1Mb / 71P
20-W Stereo Digital Audio Power Amplifier with EQ and DRC
TAS5706APAP TI1-TAS5706APAP Datasheet
1Mb / 71P
20-W Stereo Digital Audio Power Amplifier with EQ and DRC
More results

Similar Description - TAS5706PAP

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TAS5706A TI-TAS5706A Datasheet
1Mb / 63P
20-W Stereo Digital Audio Power Amplifier with EQ and DRC
TAS5706A_0812 TI-TAS5706A_0812 Datasheet
1Mb / 65P
20-W Stereo Digital Audio Power Amplifier with EQ and DRC
TAS5707 TI-TAS5707 Datasheet
1Mb / 55P
20-W STEREO DIGITAL AUDIO POWER AMPLIFIER WITH EQ AND DRC
TAS5709 TI-TAS5709 Datasheet
1Mb / 59P
20-W STEREO DIGITAL AUDIO POWER AMPLIFIER WITH EQ AND DRC
TAS5706BPAPR TI1-TAS5706BPAPR Datasheet
1Mb / 71P
20-W Stereo Digital Audio Power Amplifier with EQ and DRC
TAS5709 TI-TAS5709_15 Datasheet
1Mb / 60P
20-W STEREO DIGITAL AUDIO POWER AMPLIFIER WITH EQ AND DRC
TAS5706A TI1-TAS5706A_16 Datasheet
1Mb / 71P
20-W Stereo Digital Audio Power Amplifier with EQ and DRC
TAS5709 TI1-TAS5709_16 Datasheet
1Mb / 61P
20-W STEREO DIGITAL AUDIO POWER AMPLIFIER WITH EQ AND DRC
TAS5716 TI1-TAS5716_16 Datasheet
1Mb / 64P
20-W Stereo Digital-Audio Power Amplifier With EQ and DRC
logo
Eutech Microelectronics...
EUA2307 EUTECH-EUA2307 Datasheet
100Kb / 1P
20-W Stereo Digital Audio Power Amplifier with EQ and DRC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com