Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TAS5706PAP Datasheet(PDF) 6 Page - Texas Instruments

Click here to check the latest version.
Part # TAS5706PAP
Description  20-W Stereo Digital Audio Power Amplifier with EQ and DRC
PDF  62 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TAS5706PAP Datasheet(HTML) 6 Page - Texas Instruments

Back Button TAS5706PAP Datasheet HTML 2Page - Texas Instruments TAS5706PAP Datasheet HTML 3Page - Texas Instruments TAS5706PAP Datasheet HTML 4Page - Texas Instruments TAS5706PAP Datasheet HTML 5Page - Texas Instruments TAS5706PAP Datasheet HTML 6Page - Texas Instruments TAS5706PAP Datasheet HTML 7Page - Texas Instruments TAS5706PAP Datasheet HTML 8Page - Texas Instruments TAS5706PAP Datasheet HTML 9Page - Texas Instruments TAS5706PAP Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 62 page
background image
www.ti.com
64-TERMINAL, HTQFP PACKAGE (TOP VIEW)
TAS5706
SLOS550A – DECEMBER 2007 – REVISED DECEMBER 2007
TERMINAL FUNCTIONS
TERMINAL
TYPE
5-V
TERMINATION
DESCRIPTION
(1)
TOLERANT
(2)
NAME
NO.
AGND
57
P
Analog ground for power stage
AVCC
58
P
Analog power supply for power stage. Connect externally to same
potential as PVCC.
AVDD
10
P
3.3-V analog power supply
AVSS
11
P
Analog 3.3-V supply ground
BKND_ERR
35
DI
Pullup
Active-low. A back-end error sequence is generated by applying logic
LOW to this terminal. This terminal is connected to an external power
stage. If no external power stage is used, connect this terminal directly
to DVDD.
(1)
TYPE: A = analog; D = 3.3-V digital; P = power/ground/decoupling; I = input; O = output
(2)
All pullups are 20-
µA weak pullups and all pulldowns are 20-µA weak pulldowns. The pullups and pulldowns are included to assure
proper input logic levels if the terminals are left unconnected (pullups
→ logic 1 input; pulldowns → logic 0 input). Devices that drive
inputs with pullups must be able to sink 20
µA while maintaining a logic-0 drive level. Devices that drive inputs with pulldowns must be
able to source 20
µA while maintaining a logic-1 drive level.
6
Submit Documentation Feedback
Copyright © 2007, Texas Instruments Incorporated
Product Folder Link(s): TAS5706



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com