Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TAS5706PAPRG4 Datasheet(PDF) 45 Page - Texas Instruments

Part # TAS5706PAPRG4
Description  20-W Stereo Digital Audio Power Amplifier with EQ and DRC
PDF  62 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TAS5706PAPRG4 Datasheet(HTML) 45 Page - Texas Instruments

Back Button TAS5706PAPRG4 Datasheet HTML 41Page - Texas Instruments TAS5706PAPRG4 Datasheet HTML 42Page - Texas Instruments TAS5706PAPRG4 Datasheet HTML 43Page - Texas Instruments TAS5706PAPRG4 Datasheet HTML 44Page - Texas Instruments TAS5706PAPRG4 Datasheet HTML 45Page - Texas Instruments TAS5706PAPRG4 Datasheet HTML 46Page - Texas Instruments TAS5706PAPRG4 Datasheet HTML 47Page - Texas Instruments TAS5706PAPRG4 Datasheet HTML 48Page - Texas Instruments TAS5706PAPRG4 Datasheet HTML 49Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 45 / 62 page
background image
www.ti.com
SERIAL DATA INTERFACE REGISTER (0x04)
SYSTEM CONTROL REGISTER 2 (0x05)
TAS5706
SLOS550A – DECEMBER 2007 – REVISED DECEMBER 2007
Table 7. System Control Register 1 (0x03) (continued)
D7
D6
D5
D4
D3
D2
D1
D0
FUNCTION
–
–
–
–
1
–
–
–
Disable clock autodetect
–
–
–
–
–
0
–
–
Enable soft start (1)
–
–
–
–
–
1
–
–
Disable soft start
–
–
–
–
–
–
0
0
No de-emphasis (1)
–
–
–
–
–
–
0
1
Reserved
–
–
–
–
–
–
1
0
De-emphasis for fS = 44.1 kHz
–
–
–
–
–
–
1
1
De-emphasis for fS = 48 kHz
As shown in NoLabel , TAS5706 supports 21 serial data modes. The default is 24-bit, I2S mode,
Serial Data Interface Control Register (0x04) Format
RECEIVE SERIAL DATA
WORD
D7–D5
D4
D3
D2
D1
D0
INTERFACE FORMAT
LENGTH
Right-justified
16
000
0
0
0
0
0
Right-justified
20
000
0
0
0
0
1
Right-justified
24
000
0
0
0
1
0
I2S
16
000
0
0
0
1
1
I2S
20
000
0
0
1
0
0
I2S (1)
24
000
0
0
1
0
1
Left-justified
16
000
0
0
1
1
0
Left-justified
20
000
0
0
1
1
1
Left-justified
24
000
0
1
0
0
0
Reserved
000
0
1
0
0
1
Right-justified
18
000
0
1
0
1
0
Reserved
000
0
1
0
1
1
Reserved
000
0
1
1
0
0
Reserved
000
0
1
1
0
1
Reserved
000
0
1
1
1
0
Reserved
000
0
1
1
1
1
Reserved
000
1
0
0
0
0
I2S (32 fS SCLK)
16
000
1
0
0
1
1
Left-justified (32 fS SCLK)
000
1
0
1
1
0
Reserved
000
1
1
0
0
1
Reserved
000
1
1
0
1
1
Reserved
000
1
1
1
0
1
(1)
Default values are in bold.
Bit D6 is a control bit and bit D5 is a configuration bit.
When bit D6 is set low, the system starts playing; otherwise, the outputs are shut down.
Bit D5 defines the configuration of the system, that is, it determines what configuration the system runs in when
bit D6 is set low. When this bit is asserted, all channels are switching. Otherwise, only a subset of the PWM
channels will run. The channels to shut down are defined in the shutdown group register (0x19). Bit D5 should
only be changed when bit D6 is set, meaning that it is only possible to switch configurations by resetting the DAP
and then restarting it again in the new configuration.
Copyright © 2007, Texas Instruments Incorporated
Submit Documentation Feedback
45
Product Folder Link(s): TAS5706



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com