Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TAS5706PAPRG4 Datasheet(PDF) 22 Page - Texas Instruments

Part # TAS5706PAPRG4
Description  20-W Stereo Digital Audio Power Amplifier with EQ and DRC
PDF  62 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TAS5706PAPRG4 Datasheet(HTML) 22 Page - Texas Instruments

Back Button TAS5706PAPRG4 Datasheet HTML 18Page - Texas Instruments TAS5706PAPRG4 Datasheet HTML 19Page - Texas Instruments TAS5706PAPRG4 Datasheet HTML 20Page - Texas Instruments TAS5706PAPRG4 Datasheet HTML 21Page - Texas Instruments TAS5706PAPRG4 Datasheet HTML 22Page - Texas Instruments TAS5706PAPRG4 Datasheet HTML 23Page - Texas Instruments TAS5706PAPRG4 Datasheet HTML 24Page - Texas Instruments TAS5706PAPRG4 Datasheet HTML 25Page - Texas Instruments TAS5706PAPRG4 Datasheet HTML 26Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 62 page
background image
www.ti.com
DETAILED DESCRIPTION
POWER SUPPLY
CLOCK, AUTO DETECTION, AND PLL
SERIAL DATA INTERFACE
PWM Section
I
2C COMPATIBLE SERIAL CONTROL INTERFACE
TAS5706
SLOS550A – DECEMBER 2007 – REVISED DECEMBER 2007
The digital portion of the chip requires 3.3 V, and the power stages can work from 10 V to 26 V.
The TAS5706 DAP is a slave device. It accepts MCLK, SCLK, and LRCLK. The digital audio processor (DAP)
supports all the sample rates and MCLK rates that are defined in the clock control register.
The TAS5706 checks to verify that SCLK is a specific value of 32 fS, 48 fS, or 64 fS. The DAP only supports a 1 ×
fS LRCLK. The timing relationship of these clocks to SDIN1/2 is shown in subsequent sections. The clock section
uses MCLK or the internal oscillator clock (when MCLK is unstable or absent) to produce the internal clock.
The DAP can autodetect and set the internal clock control logic to the appropriate settings for the frequencies of
32 kHz, normal speed (44.1 or 48 kHz), double speed (88.2 kHz or 96 kHz), and quad speed (176.4 kHz or
192 kHz). The automatic sample rate detection can be disabled and the values set via I2C in the clock control
register.
The DAP also supports an AM interference-avoidance mode during which the clock rate is adjusted, in concert
with the PWM sample rate converter, to produce a PWM output at 7
× f
S, 8 × fS, or 6 × fS.
The sample rate must be set manually during AM interference avoidance and when de-emphasis is enabled.
Serial data is input on SDIN1/2. The PWM outputs are derived from SDIN1/2. The TAS5706 DAP accepts 32-,
44.1-, 48-, 88.2-, 96-, 176.4-, and 192-kHz serial data in 16-, 18-, 20-, or 24-bit data in left-justified, right-justified,
and I2S serial data formats.
The TAS5706 DAP device uses noise-shaping and sophisticated error correction algorithms to achieve high
power efficiency and high-performance digital audio reproduction. The DAP uses a fourth-order noise shaper that
has >100-dB SNR performance from 20 Hz to 20 kHz. The PWM section accepts 24-bit PCM data from the DAP
and outputs four PWM audio output channels. TAS5706 PWM section output supports bridge-tied loads.
The PWM section has individual channel dc blocking filters that can be enabled and disabled. The filter cutoff
frequency is less than 1 Hz. Individual channel de-emphasis filters for 32-, 44.1-, and 48-kHz are included and
can be enabled and disabled.
Finally, the PWM section has an adjustable maximum modulation limit of 93.8% to 99.2%.
The TAS5706 DAP has an I2C serial control slave interface to receive commands from a system controller. The
serial control interface supports both normal-speed (100-kHz) and high-speed (400-kHz) operations without wait
states. As an added feature, this interface operates even if MCLK is absent.
The serial control interface supports both single-byte and multi-byte read and write operations for status registers
and the general control registers associated with the PWM.
The I2C interface supports a special mode which permits I2C write operations to be broken up into multiple-data
write operations that are multiples of 4 data bytes. These are 6-, 10-, 14-, 18-, ... etc., -byte write operations that
are composed of a device address, read/write bit, subaddress, and any multiple of 4 bytes of data. This permits
the system to write large register values incrementally without blocking other I2C transactions.
22
Submit Documentation Feedback
Copyright © 2007, Texas Instruments Incorporated
Product Folder Link(s): TAS5706



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com