Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TAS5706PAPRG4 Datasheet(PDF) 49 Page - Texas Instruments

Part # TAS5706PAPRG4
Description  20-W Stereo Digital Audio Power Amplifier with EQ and DRC
PDF  62 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TAS5706PAPRG4 Datasheet(HTML) 49 Page - Texas Instruments

Back Button TAS5706PAPRG4 Datasheet HTML 45Page - Texas Instruments TAS5706PAPRG4 Datasheet HTML 46Page - Texas Instruments TAS5706PAPRG4 Datasheet HTML 47Page - Texas Instruments TAS5706PAPRG4 Datasheet HTML 48Page - Texas Instruments TAS5706PAPRG4 Datasheet HTML 49Page - Texas Instruments TAS5706PAPRG4 Datasheet HTML 50Page - Texas Instruments TAS5706PAPRG4 Datasheet HTML 51Page - Texas Instruments TAS5706PAPRG4 Datasheet HTML 52Page - Texas Instruments TAS5706PAPRG4 Datasheet HTML 53Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 49 / 62 page
background image
www.ti.com
PWM SHUTDOWN GROUP REGISTER (0x19)
TAS5706
SLOS550A – DECEMBER 2007 – REVISED DECEMBER 2007
Settings of this register determine which PWM channels are active. The default is 0x30 for two BTL output
channels and no external subwoofer output. The functionality of this register is tied to the state of bit D5 in the
system control register.
This register defines which channels belong to the shutdown group (SDG). If a 1 is set in the shutdown group
register, that particular channel is not started following an exit out of all-channel shutdown command (if bit D5 is
set to 0 in system control register 2, 0x05).
Table 15. Shutdown Group Register
D7
D6
D5
D4
D3
D2
D1
D0
FUNCTION
0
–
–
–
–
–
–
–
Reserved (1)
–
0
–
–
–
–
–
–
Reserved (1)
–
–
1
–
–
–
–
–
Channel 6 belongs to shut down group.
–
–
0
–
–
–
–
–
Channel 6 does not belong to shutdown group. (1)
–
–
–
1
–
–
–
–
Channel 5 belongs to shutdown group.
–
–
–
0
–
–
–
–
Channel 5 does not belong to shutdown group. (1)
–
–
–
–
1
–
–
–
Channel 4 belongs to shutdown group.
–
–
–
–
0
–
–
–
Channel 4 does not belong to shutdown group. (1)
–
–
–
–
–
1
–
–
Channel 3 belongs to shutdown group.
–
–
–
–
–
0
–
–
Channel 3 does not belong to shutdown group. (1)
–
–
–
–
–
–
1
–
Channel 2 belongs to shutdown group.
–
–
–
–
–
–
0
–
Channel 2 does not belong to shutdown group. (1)
–
–
–
–
–
–
–
1
Channel 1 belongs to shutdown group.
–
–
–
–
–
–
–
0
Channel 1 does not belong to shutdown group. (1)
(1)
Default values are in bold.
Copyright © 2007, Texas Instruments Incorporated
Submit Documentation Feedback
49
Product Folder Link(s): TAS5706



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com