Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TAS5706PAPRG4 Datasheet(PDF) 14 Page - Texas Instruments

Part # TAS5706PAPRG4
Description  20-W Stereo Digital Audio Power Amplifier with EQ and DRC
PDF  62 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TAS5706PAPRG4 Datasheet(HTML) 14 Page - Texas Instruments

Back Button TAS5706PAPRG4 Datasheet HTML 10Page - Texas Instruments TAS5706PAPRG4 Datasheet HTML 11Page - Texas Instruments TAS5706PAPRG4 Datasheet HTML 12Page - Texas Instruments TAS5706PAPRG4 Datasheet HTML 13Page - Texas Instruments TAS5706PAPRG4 Datasheet HTML 14Page - Texas Instruments TAS5706PAPRG4 Datasheet HTML 15Page - Texas Instruments TAS5706PAPRG4 Datasheet HTML 16Page - Texas Instruments TAS5706PAPRG4 Datasheet HTML 17Page - Texas Instruments TAS5706PAPRG4 Datasheet HTML 18Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 62 page
background image
www.ti.com
RESET TIMING (RESET)
t
w(RESET)
Earliesttime
thathardmute
couldbeexited
RESET
VALID
t
300ns
d(VALID_LOW) £
t
d(I2C_ready)
Startsystem
t
d(run)
Systeminitialization.
EnableviaI C.
2
T0029-05
POWER-DOWN (PDN) TIMING
PDN
VALID
t
d(STARTUP)
t
300 s
d(VALID_LOW) £
m
T0030-04
t
w
BACK-END ERROR (BKND_ERR)
TAS5706
SLOS550A – DECEMBER 2007 – REVISED DECEMBER 2007
Control signal parameters over recommended operating conditions (unless otherwise noted)
PARAMETER
MIN
TYP
MAX
UNIT
td(VALID_LOW)
Time to assert VALID (reset to power stage) low
300
ns
tw(RESET)
Pulse duration, RESET active
1
ms
td(I2C_ready)
Time to enable I2C
3.5
ms
td(run)
Device start-up time (after start-up command via I2C)
10
ms
Figure 4. Reset Timing
Control signal parameters over recommended operating conditions (unless otherwise noted)
PARAMETER
MIN
TYP
MAX
UNIT
td(VALID_LOW)
Time to assert VALID (reset to power stage) low
725
µs
td(STARTUP)
Device startup time
120
ms
tw
Minimum pulse duration required
800
ns
Figure 5. Power-Down Timing
Control signal parameters over recommended operating conditions (unless otherwise noted)
PARAMETER
MIN
TYP
MAX
UNIT
tw(ER)
Pulse duration, BKND_ERR active (active-low)
350
None
ns
tp(valid_high)
Programmable. Time to stay in the OUT_x low state. After tp(valid_high), the TAS5706
attempts to bring the system out of the OUT_x low state if BKND_ERR is high. Refer
ms
Reg 0x1C
tp(valid_low)
Time TAS5706 takes to bring OUT_x low after BKND_ERR assertion.
350
ns
14
Submit Documentation Feedback
Copyright © 2007, Texas Instruments Incorporated
Product Folder Link(s): TAS5706



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com