Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TAS5706PAPRG4 Datasheet(PDF) 48 Page - Texas Instruments

Part # TAS5706PAPRG4
Description  20-W Stereo Digital Audio Power Amplifier with EQ and DRC
PDF  62 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TAS5706PAPRG4 Datasheet(HTML) 48 Page - Texas Instruments

Back Button TAS5706PAPRG4 Datasheet HTML 44Page - Texas Instruments TAS5706PAPRG4 Datasheet HTML 45Page - Texas Instruments TAS5706PAPRG4 Datasheet HTML 46Page - Texas Instruments TAS5706PAPRG4 Datasheet HTML 47Page - Texas Instruments TAS5706PAPRG4 Datasheet HTML 48Page - Texas Instruments TAS5706PAPRG4 Datasheet HTML 49Page - Texas Instruments TAS5706PAPRG4 Datasheet HTML 50Page - Texas Instruments TAS5706PAPRG4 Datasheet HTML 51Page - Texas Instruments TAS5706PAPRG4 Datasheet HTML 52Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 48 / 62 page
background image
www.ti.com
MODULATION LIMIT REGISTER (0x10)
INTERCHANNEL DELAY REGISTERS (0x11, 0x12, 0x13, 0x14, 0x15, 0x16)
OFFSET REGISTER (0x17)
TAS5706
SLOS550A – DECEMBER 2007 – REVISED DECEMBER 2007
Set modulation limit. See the appropriate power stage data sheet for recommended modulation limits.
Table 12. Modulation Limit Register (0x10)
LIMIT
D7
D6
D5
D4
D3
D2
D1
D0
MIN WIDTH [DCLKs]
MODULATION LIMIT
[DCLKs]
–
–
–
–
–
0
0
0
1
2
99.2%
–
–
–
–
–
0
0
1
2
4
98.4%
–
–
–
–
–
0
1
0
3
6
97.7%
–
–
–
–
–
0
1
1
4
8
96.9%
–
–
–
–
–
1
0
0
5
10
96.1%
–
–
–
–
–
1
0
1
6
12
95.3%
–
–
–
–
–
1
1
0
7
14
94.5%
–
–
–
–
–
1
1
1
8
16
93.8%
Internal PWM Channels 1, 2, 3, 4, 5, and 6 are mapped into registers 0x11, 0x12 ,0x13, 0x14, 0x15, and 0x16.
Table 13. Channel Interchannel Delay Register Format
BITS DEFINITION
D7
D6
D5
D4
D3
D2
D1
D0
FUNCTION
Minimum absolute delay, 0 DCLK cycles, default for
0
0
0
0
0
0
0
0
channel 0 (1)
0
1
1
1
1
1
0
0
Maximum positive delay, 31
× 4 DCLK cycles
1
0
0
0
0
0
0
0
Maximum negative delay, –32
× 4 DCLK cycles
0
0
Unused bits
A
SUBADDRESS
D7
D6
D5
D4
D3
D2
D1
D0
Delay = (value)
× 4 DCLKs
0x11
0
1
0
0
1
1
0
0
Default value for channel 1 (1)
19
0x12
0
0
1
1
0
1
0
0
Default value for channel 2 (1)
13
0x13
0
0
0
1
1
1
0
0
Default value for channel 3 (1)
7
0x14
0
1
1
0
0
1
0
0
Default value for channel 4 (1)
25
0x15
1
1
0
1
0
0
0
0
Default value for channel 5 (1)
–12
0x16
1
0
0
1
0
0
0
0
Default value for channel 6 (1)
-28
(1)
Default values are in bold.
The offset register is mapped into 0x17.
Table 14. Channel Offset Register Format
D7
D6
D5
D4
D3
D2
D1
D0
FUNCTION
0
0
0
0
0
0
0
0
Minimum absolute offset, 0 DCLK cycles, default for channel 0 (1)
1
1
1
1
1
1
1
1
Maximum absolute offset, 255 DCLK cycles
(1)
Default values are in bold.
48
Submit Documentation Feedback
Copyright © 2007, Texas Instruments Incorporated
Product Folder Link(s): TAS5706



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com