Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L6726A Datasheet(PDF) 7 Page - STMicroelectronics

Part # L6726A
Description  Single phase PWM controller
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L6726A Datasheet(HTML) 7 Page - STMicroelectronics

Back Button L6726A Datasheet HTML 3Page - STMicroelectronics L6726A Datasheet HTML 4Page - STMicroelectronics L6726A Datasheet HTML 5Page - STMicroelectronics L6726A Datasheet HTML 6Page - STMicroelectronics L6726A Datasheet HTML 7Page - STMicroelectronics L6726A Datasheet HTML 8Page - STMicroelectronics L6726A Datasheet HTML 9Page - STMicroelectronics L6726A Datasheet HTML 10Page - STMicroelectronics L6726A Datasheet HTML 11Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 24 page
background image
L6726A
Electrical specifications
7/24
3
Electrical specifications
3.1
Absolute maximum ratings
Table 4. Absolute maximum ratings
3.2
Electrical characteristics
Symbol
Parameter (1)
1.
ESD immunity for FB pin is guaranteed up to ±1000V (Human Body Model)
Value
Unit
VCC
to GND
-0.3 to 15
V
VBOOT
to PHASE
to GND
15
45
V
VUGATE
to PHASE
to PHASE; t < 50ns
to GND
-0.3 to (VBOOT - VPHASE) + 0.3
-1
VBOOT + 0.3
V
VPHASE
to GND
-8 to 30
V
VLGATE
to GND
to GND; t < 50ns
-0.3 to VCC + 0.3
-2.5
V
FB, COMP to GND
-0.3 to 3.6
V
Table 5. Electrical characteristics
(VCC = 12V; TA = -20°C to +85°C unless otherwise specified).
Symbol
Parameter
Test conditions
Min.
Typ.
Max.
Unit
Recommended operating conditions
VCC
Device supply voltage
See Figure 1
4.1
13.2
V
VIN
Conversion input voltage
13.2
V
VCC < 7.0V
19.0
V
Supply current and power-ON
ICC
VCC supply current
UGATE and LGATE = OPEN
6
mA
IBOOT
BOOT supply current
UGATE = OPEN; PHASE to GND
0.5
mA
UVLO
VCC Turn-ON
VCC Rising
4.1
V
Hysteresis
0.2
V
Oscillator
FSW
Main oscillator accuracy
TA = 0°C to +70°C
243
270
297
kHz
225
270
315
∆V
OSC
PWM ramp amplitude
1.1
V
dMAX
Maximum duty cycle
80
%



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com