Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L6726A Datasheet(PDF) 13 Page - STMicroelectronics

Part # L6726A
Description  Single phase PWM controller
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L6726A Datasheet(HTML) 13 Page - STMicroelectronics

Back Button L6726A Datasheet HTML 9Page - STMicroelectronics L6726A Datasheet HTML 10Page - STMicroelectronics L6726A Datasheet HTML 11Page - STMicroelectronics L6726A Datasheet HTML 12Page - STMicroelectronics L6726A Datasheet HTML 13Page - STMicroelectronics L6726A Datasheet HTML 14Page - STMicroelectronics L6726A Datasheet HTML 15Page - STMicroelectronics L6726A Datasheet HTML 16Page - STMicroelectronics L6726A Datasheet HTML 17Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 24 page
background image
L6726A
Protections
13/24
7
Protections
7.1
Over current protection
The over current feature protects the converter from a shorted output or overload, by
sensing the output current information across the Low Side MOSFET drain-source on-
resistance, RdsON. This method reduces cost and enhances converter efficiency by avoiding
the use of expensive and space-consuming sense resistors.
The low side RdsON current sense is implemented by comparing the voltage at the PHASE
node when LS MOSFET is turned on with the programmed OCP threshold voltage,
internally held. If the monitored voltage drop (GND to PHASE) exceeds this threshold, an
Over Current Event is detected. If two Over Current Events are detected in two consecutive
switching cycles, the protection will be triggered and the device will turn off both LS and HS
MOSFETs in a latched condition.
To recover from Over Current Protection triggered, VCC power supply must be cycled.
7.1.1
Over current threshold setting
L6726A allows to easily program an Over Current Threshold ranging from 50mV to 550mV,
simply by adding a resistor (ROCSET) between LGATE and GND.
During a short time following VCC rising over UVLO threshold, an internal 10µA current
(IOCSET) is sourced from LGATE pin, determining a voltage drop across ROCSET. This
voltage drop will be sampled and internally held by the device as Over Current Threshold.
The OC setting procedure overall time length ranges from 5.5ms to 6.5ms, proportionally to
the threshold being set.
Connecting a ROCSET resistor between LGATE and GND, the programmed threshold will be:
ROCSET values range from 5kΩ to 55kΩ.
If the voltage drop across ROCSET is too low, the system will be very sensitive to start-up
inrush current and noise. This can result in undesired OCP triggering. In this case, consider
increasing ROCSET value.
In case ROCSET is not connected, the device switches the OCP threshold to a 400mV default
value: an internal safety clamp on LGATE is triggered as soon as LGATE voltage reaches
700mV (typ), enabling the 400mV default threshold and suddenly ending OC setting phase.
See Figure 6 for OC threshold setting procedure timings picture and oscilloscope sample
waveforms.
7.2
Feedback disconnection protection
In order to provide load protection even if FB pin is not connected, a 100nA bias current is
always sourced from this pin. If FB pin is not connected, bias current will permanently pull
up FB: this forces COMP pin low, avoiding output voltage rising to dangerous levels.
I
OCth
I
OCSET
R
OCSET
R
dsON
--------------------------------------------
=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com