Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L6726A Datasheet(PDF) 5 Page - STMicroelectronics

Part # L6726A
Description  Single phase PWM controller
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L6726A Datasheet(HTML) 5 Page - STMicroelectronics

  L6726A Datasheet HTML 1Page - STMicroelectronics L6726A Datasheet HTML 2Page - STMicroelectronics L6726A Datasheet HTML 3Page - STMicroelectronics L6726A Datasheet HTML 4Page - STMicroelectronics L6726A Datasheet HTML 5Page - STMicroelectronics L6726A Datasheet HTML 6Page - STMicroelectronics L6726A Datasheet HTML 7Page - STMicroelectronics L6726A Datasheet HTML 8Page - STMicroelectronics L6726A Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 24 page
background image
L6726A
Pins description and connection diagrams
5/24
2
Pins description and connection diagrams
Figure 3.
Pins connection (top view)
2.1
Pin descriptions
Table 2. Pins descriptions
1
2
3
4
VCC
FB
COMP / DIS
PHASE
LGATE / OC
GND
UGATE
BOOT
5
6
7
8
L6726A
Pin n
Name
Function
1BOOT
HS Driver Supply.
Connect through a capacitor (100nF) to the floating node (LS-Drain) pin
and provide necessary bootstrap diode from VCC.
2
UGATE
HS Driver Output. Connect to HS mosfet gate.
3GND
All internal references, logic and drivers are connected to this pin.
Connect to the PCB ground plane.
4
LGATE / OC
LGATE. LS Driver Output. Connect to LS mosfet gate.
OC. Over Current threshold set. During a short period of time following
VCC rising over UVLO threshold, a 10
µA current is sourced from this pin.
Connect to GND with an ROCSET resistor greater than 5kΩ to program OC
Threshold. The resulting voltage at this pin is sampled and held internally
as the OC set point. Maximum programmable OC threshold is 0.55V. A
voltage greater than 0.75V (max) activates an internal clamp and causes
OC threshold to be set at 400 mV. ROCSET not connected sets the 400mV
default threshold.
5VCC
Device and LS Driver power supply.
Operative range from 4.1V to 13.2V. Filter with at least 1
µF MLCC to GND.
6FB
Error Amplifier Inverting Input.
Connect with a resistor RFB to the output regulated voltage. Additional
resistor ROS to GND may be used to regulate voltages higher than the
reference.
7
COMP / DIS
COMP. Error Amplifier Output. Connect with an RF - CF // CP to GND to
compensate the device control loop in conjunction to the FB pin.
During the Soft-Start phase, a 10
µA current is sourced from this pin so the
compensation capacitors also act to program the SS time.
DIS. The device can be disabled by pulling this pin lower than 0.4V (min).
Setting free the pin, the device enables again.
8
PHASE
HS Driver return path, current-reading and adaptive-dead-time monitor.
Connect to the LS drain to sense RdsON drop to measure the output
current. This pin is also used by the adaptive-dead-time control circuitry to
monitor when HS mosfet is OFF.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com