Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L6726A Datasheet(PDF) 4 Page - STMicroelectronics

Part # L6726A
Description  Single phase PWM controller
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L6726A Datasheet(HTML) 4 Page - STMicroelectronics

  L6726A Datasheet HTML 1Page - STMicroelectronics L6726A Datasheet HTML 2Page - STMicroelectronics L6726A Datasheet HTML 3Page - STMicroelectronics L6726A Datasheet HTML 4Page - STMicroelectronics L6726A Datasheet HTML 5Page - STMicroelectronics L6726A Datasheet HTML 6Page - STMicroelectronics L6726A Datasheet HTML 7Page - STMicroelectronics L6726A Datasheet HTML 8Page - STMicroelectronics L6726A Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 24 page
background image
Typical application circuit and block diagram
L6726A
4/24
1
Typical application circuit and block diagram
1.1
Application circuit
Figure 1.
Typical application circuit
1.2
Block diagram
Figure 2.
Block diagram
1
2
8
BOOT
UGATE
PHASE
LGATE
/ OC
4
HS
LS
VIN = 1.5V to 19V (1)
L
COUT
Vout
LOAD
CHF
CBULK
CDEC
GND
3
RFB
COMP
/ DIS
7
RF
CF
CP
VCC
ROS
VCC = 5V to 12V
5
6
FB
L6726A Reference Schematic
(1) Up to 12V with Vcc > 5V
ROCSET
RD
CSN
RSN
CBOOT
RgHS
RgLS
D
BOOT
LGATE
/ OC
UGATE
GND
HS
LS
VCC
TRANSCONDUCTANCE
ERROR AMPLIFIER
+
-
0.8V
OSCILLATOR
PWM
PHASE
CONTROL LOGIC
& PROTECTIONS
VOCTH
DISABLE
OCP
CLOCK
S
R
Q
L6726A
I
OCSET



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com