Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L6726A Datasheet(PDF) 12 Page - STMicroelectronics

Part # L6726A
Description  Single phase PWM controller
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L6726A Datasheet(HTML) 12 Page - STMicroelectronics

Back Button L6726A Datasheet HTML 8Page - STMicroelectronics L6726A Datasheet HTML 9Page - STMicroelectronics L6726A Datasheet HTML 10Page - STMicroelectronics L6726A Datasheet HTML 11Page - STMicroelectronics L6726A Datasheet HTML 12Page - STMicroelectronics L6726A Datasheet HTML 13Page - STMicroelectronics L6726A Datasheet HTML 14Page - STMicroelectronics L6726A Datasheet HTML 15Page - STMicroelectronics L6726A Datasheet HTML 16Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 24 page
background image
Soft start and disable
L6726A
12/24
6
Soft start and disable
L6726A implements a soft start to smoothly charge the output filter avoiding high in-rush
currents to be required from the input power supply. The device sources a 10µA soft start
current from COMP, linearly charging the compensation network capacitors. The ramping
COMP voltage is compared to the oscillator triangular waveform generating PWM pulses of
increasing width that charge the output capacitors.
When the FB voltage crosses 800 mV, the output voltage is in regulation: soft start phase
will end and the transconductance error amplifier output will be enabled closing the control
loop.
In the event of an over current during soft start, the over current logic will override the soft
start sequence and will shut down the PWM logic and both the high side and low side gates.
This condition is latched, cycle VCC to recover.
The device sources soft start current only when VCC power supply is above UVLO
threshold and over current threshold setting phase has been completed.
6.1
Low-Side-Less start up (LSLess)
L6726A performs a special sequence in enabling LS driver to switch: during the soft-start
phase, the LS driver results disabled (LS = OFF) until the HS starts to switch. This avoids
the dangerous negative spike on the output voltage that can happen if starting over a pre-
charged output and limits the output discharge (amount of output discharge depends on
programmed SS time length: the shorter the programmed SS, the more limited the output
discharge).
If the output voltage is pre-charged to a voltage higher than the final one, the HS would
never start to switch. In this case, LS is enabled and discharges the output to the final
regulation value.
Figure 5.
LSLess startup (left) vs. Non-LSLess startup (right)
6.2
Enable / disable
The device can be disabled by pushing COMP / DIS pin under 0.4V (min). In this condition
HS and LS MOSFETs are turned off, and the 10µA SS current is sourced from COMP / DIS
pin. Setting free the pin, the device enables again performing a new SS.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com