Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AT25DF512C Datasheet(PDF) 32 Page - Renesas Technology Corp

Part # AT25DF512C
Description  512-Kbit, 1.65 V Minimum SPI Serial Flash Memory with Dual-Read Support
PDF  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

AT25DF512C Datasheet(HTML) 32 Page - Renesas Technology Corp

Back Button AT25DF512C Datasheet HTML 28Page - Renesas Technology Corp AT25DF512C Datasheet HTML 29Page - Renesas Technology Corp AT25DF512C Datasheet HTML 30Page - Renesas Technology Corp AT25DF512C Datasheet HTML 31Page - Renesas Technology Corp AT25DF512C Datasheet HTML 32Page - Renesas Technology Corp AT25DF512C Datasheet HTML 33Page - Renesas Technology Corp AT25DF512C Datasheet HTML 34Page - Renesas Technology Corp AT25DF512C Datasheet HTML 35Page - Renesas Technology Corp AT25DF512C Datasheet HTML 36Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 47 page
background image
DS-AT25DF512C-030 Rev.H
Page 32
2024-01-08
© 2024 Renesas Electronics
AT25DF512C Datasheet
12.6 Exit Ultra-Deep Power-Down
To exit from the Ultra-Deep Power-Down mode, any one of three operations can be performed, which are
described in the following subsections.
12.6.1
Chip Select Toggle
The CS pin must simply be pulsed by asserting the CS pin, waiting the minimum necessary tCSLU time, and then
deasserting the CS pin again. To make simple software development easier, a dummy byte opcode can also be
entered while the CS pin is being pulsed; the dummy byte opcode is simply ignored by the device in this case.
After the CS pin has been deasserted, the device exits from the Ultra-Deep Power-Down mode and returns to the
standby mode within a maximum time of tXUDPD. If the CS pin is reasserted before the tXUDPD time has elapsed in
an attempt to start a new operation, then that operation is ignored, and nothing is done.
Figure 26. Exit Ultra-Deep Power-Down (Chip Select Toggle)
12.6.2
Chip Select Low
By asserting the CS pin, waiting the minimum necessary tXUDPD time, and then clocking in the first bit of the next
Opcode command cycle. If the first bit of the next command is clocked in before the tXUDPD time has elapsed, the
device exits Ultra-Deep Power-Down; however, the intended operation is ignored.
Figure 27. Exit Ultra-Deep Power-Down (Chip Select Low)
12.6.3
Power Cycling
The device can also exit the Ultra-Deep Power Mode by power cycling the device. The system must wait for the
device to return to the standby mode before normal command operations can be resumed. Upon recovery from
Ultra-Deep Power-Down, all internal registers are at there Power-On default state.
CS
SO
ICC
High-impedance
Ultra-Deep Power-Down Mode Current
Active Current
Standby Mode Current
tXUDPD
tCSLU
CS
SO
ICC
High-impedance
Ultra-Deep Power-Down Mode Current
Active Current
tXUDPD



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com