Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AT25DF512C Datasheet(PDF) 14 Page - Renesas Technology Corp

Part # AT25DF512C
Description  512-Kbit, 1.65 V Minimum SPI Serial Flash Memory with Dual-Read Support
PDF  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

AT25DF512C Datasheet(HTML) 14 Page - Renesas Technology Corp

Back Button AT25DF512C Datasheet HTML 10Page - Renesas Technology Corp AT25DF512C Datasheet HTML 11Page - Renesas Technology Corp AT25DF512C Datasheet HTML 12Page - Renesas Technology Corp AT25DF512C Datasheet HTML 13Page - Renesas Technology Corp AT25DF512C Datasheet HTML 14Page - Renesas Technology Corp AT25DF512C Datasheet HTML 15Page - Renesas Technology Corp AT25DF512C Datasheet HTML 16Page - Renesas Technology Corp AT25DF512C Datasheet HTML 17Page - Renesas Technology Corp AT25DF512C Datasheet HTML 18Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 47 page
background image
DS-AT25DF512C-030 Rev.H
Page 14
2024-01-08
© 2024 Renesas Electronics
AT25DF512C Datasheet
8.
Program and Erase Commands
8.1
Byte/Page Program
The Byte/Page Program command allows anywhere from a single byte of data to 256 bytes of data to be
programmed into previously erased memory locations. An erased memory location is one that has all eight bits set
to the logical 1 state (a byte value of FFh). Before a Byte/Page Program command can be started, the Write
Enable command must have been previously issued to the device (see Section 9.1, Write Enable) to set the Write
Enable Latch (WEL) bit of the Status Register to a logical 1 state.
To perform a Byte/Page Program command, an opcode of 02h must be clocked into the device, followed by the
three address bytes denoting the first byte location of the memory array to begin programming at. After the
address bytes have been clocked in, data can then be clocked into the device and stored in an internal buffer.
If the starting memory address denoted by A23-A0 does not fall on an even 256-byte page boundary (A7-A0 are
not all 0), then special circumstances regarding which memory locations to be programmed apply. In this situation,
any data that are sent to the device that goes beyond the end of the page wrap around to the beginning of the
same page. For example, if the starting address denoted by A23-A0 is 0000FEh, and three bytes of data are sent
to the device, then the first two bytes of data are programmed at addresses 0000FEh and 0000FFh, while the last
byte of data is programmed at address 000000h. The remaining bytes in the page (addresses 000001h through
0000FDh) are not programmed and remain in the erased state (FFh). Also, if more than 256 bytes of data are sent
to the device, then only the last 256 bytes sent are latched into the internal buffer.
When the CS pin is deasserted, the device takes the data stored in the internal buffer and programs it into the
appropriate memory array locations based on the starting address specified by A23-A0 and the number of data
bytes sent to the device. If less than 256 bytes of data were sent to the device, then the remaining bytes within the
page are not programmed and remain in the erased state (FFh). The programming of the data bytes is internally
self-timed and takes place in a time of tPP or tBP if only programming a single byte.
The three address bytes and at least one complete byte of data must be clocked into the device before the CS pin
is deasserted, and the CS pin must be deasserted on even byte boundaries (multiples of eight bits); otherwise, the
device stops the operation, and no data are programmed into the memory array. Also, if the memory is in the
protected state (see Section 9.3, Block Protection), then the Byte/Page Program command is not executed, and
the device returns to the idle state once the CS pin has been deasserted. The WEL bit in the Status Register is
reset to the logical 0 state if the program cycle stops due to an incomplete address being sent, an incomplete byte
of data being sent, the CS pin being deasserted on uneven byte boundaries, or because the memory location to
be programmed is protected.
While the device is programming, the Status Register can be read and indicates that the device is busy. For faster
throughput, it is recommended that the Status Register be polled rather than waiting the tBP or tPP time to
determine if the data bytes have finished programming. At some point before the program cycle completes, the
WEL bit in the Status Register is reset to the logical 0 state.
The device also incorporates an intelligent programming algorithm that can detect when a byte location fails to
program properly. If a programming error arises, it is indicated by the EPE bit in the Status Register.
Figure 10. Byte Program
SCK
CS
SI
SO
MSB
MSB
23
1
0
00000010
67
5
410 11
9
812
39
37 38
33
36
35
34
31 32
29 30
OPCODE
HIGH-IMPEDANCE
AAAA
AAA
A A
MSB
DDDDDDD D
ADDRESS BITS A23-A0
DATA IN



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com