Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AT25DF512C Datasheet(PDF) 45 Page - Renesas Technology Corp

Part # AT25DF512C
Description  512-Kbit, 1.65 V Minimum SPI Serial Flash Memory with Dual-Read Support
PDF  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

AT25DF512C Datasheet(HTML) 45 Page - Renesas Technology Corp

Back Button AT25DF512C Datasheet HTML 39Page - Renesas Technology Corp AT25DF512C Datasheet HTML 40Page - Renesas Technology Corp AT25DF512C Datasheet HTML 41Page - Renesas Technology Corp AT25DF512C Datasheet HTML 42Page - Renesas Technology Corp AT25DF512C Datasheet HTML 43Page - Renesas Technology Corp AT25DF512C Datasheet HTML 44Page - Renesas Technology Corp AT25DF512C Datasheet HTML 45Page - Renesas Technology Corp AT25DF512C Datasheet HTML 46Page - Renesas Technology Corp AT25DF512C Datasheet HTML 47Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 45 / 47 page
background image
DS-AT25DF512C-030 Rev.H
Page 45
2024-01-08
© 2024 Renesas Electronics
AT25DF512C Datasheet
17.3 8-Lead, 4.4 mm TSSOP
1
E
N
TOP VIEW
SIDE VIEW
END VIEW
L
Notes:
1. This drawing is for general information only. See JEDEC
Drawing MO-153, Variation AA, for proper dimensions,
tolerances, daturns, etc.
2. Dimension D does not include mold Flash, protrusions, or
gate burrs. Mold Flash, protrusions, and gate burrs shall not
exceed 0.15 mm (0.006 in) per side.
3. Dimension E1 does not include inter-lead Flash or
protrusions, Inter-lead Flash and protrusions shall not
exceed 0.25 mm (0.01 in) per side.
4. Dimension b does not include Dambar protrusion. Allowable
Dambar protrusion shall be 0.08 mm total in excess of the
b dimension at maximum material condition. Damber cannot be
located on the lower radius of the foot. Minimum space
between protrusion and adjacent lead is 0.07 mm.
5. Dimensions D and E1 to be determined at Datum Plane H.
C
SYMBOL
MIN
NOM
MAX
NOTE
A
A1
A2
D
E
E1
b
L
--
0.05
0.80
2.90
4.30
0.19
0.45
1.20
0.15
1.05
3.10
6.40 BSC
4.50
0.30
0.75
0.65 BSC
1.00 REF
COMMON DIMENSIONS
(Unit of Measure = mm)
e
E1
Pin 1 indicator
this corner
b
D
e
A
A1
A2
L1
C
2, 5
3, 5
4
0.60
0.09
0.20
4.40
3.00
1.00
H
L1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com