Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AT25DF512C Datasheet(PDF) 35 Page - Renesas Technology Corp

Part # AT25DF512C
Description  512-Kbit, 1.65 V Minimum SPI Serial Flash Memory with Dual-Read Support
PDF  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

AT25DF512C Datasheet(HTML) 35 Page - Renesas Technology Corp

Back Button AT25DF512C Datasheet HTML 31Page - Renesas Technology Corp AT25DF512C Datasheet HTML 32Page - Renesas Technology Corp AT25DF512C Datasheet HTML 33Page - Renesas Technology Corp AT25DF512C Datasheet HTML 34Page - Renesas Technology Corp AT25DF512C Datasheet HTML 35Page - Renesas Technology Corp AT25DF512C Datasheet HTML 36Page - Renesas Technology Corp AT25DF512C Datasheet HTML 37Page - Renesas Technology Corp AT25DF512C Datasheet HTML 38Page - Renesas Technology Corp AT25DF512C Datasheet HTML 39Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 35 / 47 page
background image
DS-AT25DF512C-030 Rev.H
Page 35
2024-01-08
© 2024 Renesas Electronics
AT25DF512C Datasheet
13. Electrical Specifications
13.1 Absolute Maximum Ratings*
13.3 DC Characteristics
1. Max. specification is 20 µA @ 85
°C.
2. Typical values measured at 1.8 V @ 25
°C for the 1.65 V to 3.6 V range.
3. Typical values measured at 3.0 V @ 25
° C for the 2.3 V to 3.6 V range.
Temperature under Bias
-55
°C to +125 °C
*Notice: Stresses beyond those listed under “Absolute
Maximum Ratings” can cause permanent damage to the
device. This is a stress rating only, and functional
operation of the device at these or any other conditions
beyond those indicated in the operational sections of this
specification is not implied. Exposure to absolute
maximum rating conditions for extended periods can affect
device reliability.
Storage Temperature
-65
°C to +150 °C
All Output Voltages with Respect to Ground
-0.6 V to VCC +0.5 V
All Input Voltages (including NC pins) with Respect to Ground
-0.6 V to +4.1 V
13.2 DC and AC Operating Range
Range
Operating Temperature (Case)
-10 °C to +85 °C (1.65 V to 3.6 V)
-40
°C to +85 °C (1.7 V to 3.6 V)
VCC Power Supply
1.65 V to 3.6 V
Symbol
Parameter
Condition
1.65 V to 3.6 V
2.3 V to 3.6 V
Units
Min
Typ
Max
Min
Typ
Max
IUDPD
Ultra-Deep Power-
Down Current
CS = VCC. All other inputs
at 0 V or VCC
0.2
1
0.3
1
µA
IDPD 1
Deep Power-Down
Current
CS = VCC. All other inputs
at 0 V or VCC
515
8.5
15
µA
ISB
Standby Current
CS = VCC. All other inputs
at 0 V or VCC
25
40
25
40
µA
ICC1 2,3
Active Current, Low
Power Read (03h,
0Bh) Operation
f = 1 MHz; IOUT = 0 mA
4.5
9
5.5
9
mA
f = 20 MHz; IOUT = 0 mA
4.5
9
5.5
9
mA
ICC2 2,3
Active Current,
Read Operation
f = 50 MHz; IOUT = 0 mA
5
10
6
10
mA
f = 85 MHz; IOUT = 0 mA
5
10
6
10
mA
ICC3 2,3
Active Current,
Program Operation
CS = VCC
12
16
12
16
mA
ICC4 2,3
Active Current,
Erase Operation
CS = VCC
12
18
12
18
mA
ILI
Input Load Current
All inputs at CMOS levels
1
1
µA
ILO
Output Leakage
Current
All inputs at CMOS levels
1
1
µA
VIL
Input Low Voltage
VCC x 0.2
VCC x 0.3
V
VIH
Input High Voltage
VCC x 0.8
VCC x 0.7
V
VOL
Output Low Voltage
IOL = 100 µA
0.2
0.4
V
VOH
Output High Voltage IOH = -100 µA
VCC - 0.2 V
VCC - 0.2 V
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com