Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AT25DF512C Datasheet(PDF) 10 Page - Renesas Technology Corp

Part # AT25DF512C
Description  512-Kbit, 1.65 V Minimum SPI Serial Flash Memory with Dual-Read Support
PDF  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

AT25DF512C Datasheet(HTML) 10 Page - Renesas Technology Corp

Back Button AT25DF512C Datasheet HTML 6Page - Renesas Technology Corp AT25DF512C Datasheet HTML 7Page - Renesas Technology Corp AT25DF512C Datasheet HTML 8Page - Renesas Technology Corp AT25DF512C Datasheet HTML 9Page - Renesas Technology Corp AT25DF512C Datasheet HTML 10Page - Renesas Technology Corp AT25DF512C Datasheet HTML 11Page - Renesas Technology Corp AT25DF512C Datasheet HTML 12Page - Renesas Technology Corp AT25DF512C Datasheet HTML 13Page - Renesas Technology Corp AT25DF512C Datasheet HTML 14Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 47 page
background image
DS-AT25DF512C-030 Rev.H
Page 10
2024-01-08
© 2024 Renesas Electronics
AT25DF512C Datasheet
5.
Device Operation
The AT25DF512C is controlled by a set of commands that are sent from a host controller, commonly referred to as
the SPI Master. The SPI Master communicates with the AT25DF512C through the SPI bus, which consists of four
signal lines: Chip Select (CS), Serial Clock (SCK), Serial Input (SI), and Serial Output (SO).
The SPI protocol defines four modes of operation (0, 1, 2, or 3), with each mode differing in respect to the SCK
polarity and phase, as well as how the polarity and phase control the flow of data on the SPI bus. The
AT25DF512C supports the two most common modes, SPI Modes 0 and 3. The only difference between SPI
Modes 0 and 3 is the polarity of the SCK signal when in the inactive state (when the SPI Master is in standby
mode and not transferring any data). With SPI Modes 0 and 3, data is latched in on the rising edge of SCK and
output on the falling edge of SCK.
Figure 6. SPI Mode 0 and 3
5.1
Dual Output Read
The AT25DF512C features a Dual-Output Read mode that allow two bits of data to be clocked out of the device
every clock cycle to improve throughput. To do this, both the SI and SO pins are used as outputs for the transfer of
data bytes. With the Dual-Output Read Array command, the SI pin becomes an output along with the SO pin.
6&.
&6
6,
62
06%
/6%
06%
/6%



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com