Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M28W640HCT Datasheet(PDF) 12 Page - Numonyx B.V

Part # M28W640HCT
Description  64 Mbit (4 Mb x 16, boot block) 3 V supply Flash memory
PDF  72 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NUMONYX [Numonyx B.V]
Direct Link  http://www.numonyx.com
Logo NUMONYX - Numonyx B.V

M28W640HCT Datasheet(HTML) 12 Page - Numonyx B.V

Back Button M28W640HCT Datasheet HTML 8Page - Numonyx B.V M28W640HCT Datasheet HTML 9Page - Numonyx B.V M28W640HCT Datasheet HTML 10Page - Numonyx B.V M28W640HCT Datasheet HTML 11Page - Numonyx B.V M28W640HCT Datasheet HTML 12Page - Numonyx B.V M28W640HCT Datasheet HTML 13Page - Numonyx B.V M28W640HCT Datasheet HTML 14Page - Numonyx B.V M28W640HCT Datasheet HTML 15Page - Numonyx B.V M28W640HCT Datasheet HTML 16Page - Numonyx B.V Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 72 page
background image
Signal descriptions
M28W640HCT, M28W640HCB
12/72
2
Signal descriptions
See Figure 1: Logic diagram and Table 1: Signal names, for a brief overview of the signals
connected to this device.
2.1
Address inputs (A0-A21)
The Address inputs select the cells in the memory array to access during bus read
operations. During bus write operations they control the commands sent to the command
interface of the internal state machine.
2.2
Data input/output (DQ0-DQ15)
The Data I/O outputs the data stored at the selected address during a bus read operation or
inputs a command or the data to be programmed during a write bus operation.
2.3
Chip Enable (E)
The Chip Enable input activates the memory control logic, input buffers, decoders and
sense amplifiers. When Chip Enable is at VILand Reset is at VIH the device is in active
mode. When Chip Enable is at VIH the memory is deselected, the outputs are high
impedance and the power consumption is reduced to the standby level.
2.4
Output Enable (G)
The Output Enable controls data outputs during the bus read operation of the memory.
2.5
Write Enable (W)
The Write Enable controls the bus write operation of the memory’s command interface. The
data and address inputs are latched on the rising edge of Chip Enable, E, or Write Enable,
W, whichever occurs first.
2.6
Write Protect (WP)
Write Protect is an input that gives an additional hardware protection for each block. When
Write Protect is at VIL, the lock-down is enabled and the protection status of the block
cannot be changed. When Write Protect is at VIH, the lock-down is disabled and the block
can be locked or unlocked (refer to Table 7: Read Protection Register and Lock Register).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com