Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M28W640HCT Datasheet(PDF) 15 Page - Numonyx B.V

Part # M28W640HCT
Description  64 Mbit (4 Mb x 16, boot block) 3 V supply Flash memory
PDF  72 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NUMONYX [Numonyx B.V]
Direct Link  http://www.numonyx.com
Logo NUMONYX - Numonyx B.V

M28W640HCT Datasheet(HTML) 15 Page - Numonyx B.V

Back Button M28W640HCT Datasheet HTML 11Page - Numonyx B.V M28W640HCT Datasheet HTML 12Page - Numonyx B.V M28W640HCT Datasheet HTML 13Page - Numonyx B.V M28W640HCT Datasheet HTML 14Page - Numonyx B.V M28W640HCT Datasheet HTML 15Page - Numonyx B.V M28W640HCT Datasheet HTML 16Page - Numonyx B.V M28W640HCT Datasheet HTML 17Page - Numonyx B.V M28W640HCT Datasheet HTML 18Page - Numonyx B.V M28W640HCT Datasheet HTML 19Page - Numonyx B.V Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 72 page
background image
M28W640HCT, M28W640HCB
Bus operations
15/72
to high impedance, independently from the Output Enable or Write Enable inputs. If Chip
Enable switches to VIH during a program or erase operation, the device enters Standby
mode when finished.
3.5
Automatic Standby
Automatic standby provides a low power consumption state during Read mode. Following a
read operation, the device enters automatic standby after 150 ns of bus inactivity even if
Chip Enable is Low, VIL, and the supply current is reduced to IDD1. The data inputs/outputs
will still output data if a bus read operation is in progress.
3.6
Reset
During Reset mode when Output Enable is Low, VIL, the memory is deselected and the
outputs are high impedance. The memory is in Reset mode when Reset is at VIL. The power
consumption is reduced to the standby level, independently from the Chip Enable, Output
Enable or Write Enable inputs. If Reset is pulled to VSS during a program or erase, this
operation is aborted and the memory content is no longer valid.
Table 2.
Bus operations(1)
1.
X = VIL or VIH, VPPH = 12 V ± 5%.
Operation
E
G
W
RP
WP
VPP
DQ0-DQ15
Bus Read
VIL
VIL
VIH
VIH
X
Don't care
Data output
Bus Write
VIL
VIH
VIL
VIH
XVDD or VPPH
Data input
Output Disable
VIL
VIH
VIH
VIH
X
Don't care
Hi-Z
Standby
VIH
XX
VIH
X
Don't care
Hi-Z
Reset
X
X
X
VIL
X
Don't care
Hi-Z



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com