Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M28W640HCT Datasheet(PDF) 13 Page - Numonyx B.V

Part # M28W640HCT
Description  64 Mbit (4 Mb x 16, boot block) 3 V supply Flash memory
PDF  72 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NUMONYX [Numonyx B.V]
Direct Link  http://www.numonyx.com
Logo NUMONYX - Numonyx B.V

M28W640HCT Datasheet(HTML) 13 Page - Numonyx B.V

Back Button M28W640HCT Datasheet HTML 9Page - Numonyx B.V M28W640HCT Datasheet HTML 10Page - Numonyx B.V M28W640HCT Datasheet HTML 11Page - Numonyx B.V M28W640HCT Datasheet HTML 12Page - Numonyx B.V M28W640HCT Datasheet HTML 13Page - Numonyx B.V M28W640HCT Datasheet HTML 14Page - Numonyx B.V M28W640HCT Datasheet HTML 15Page - Numonyx B.V M28W640HCT Datasheet HTML 16Page - Numonyx B.V M28W640HCT Datasheet HTML 17Page - Numonyx B.V Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 72 page
background image
M28W640HCT, M28W640HCB
Signal descriptions
13/72
2.7
Reset (RP)
The Reset input provides a hardware reset of the memory. When Reset is at VIL, the
memory is in reset mode: the outputs are high impedance and the current consumption is
minimized. After Reset all blocks are in the locked state. When Reset is at VIH, the device is
in normal operation. Exiting reset mode the device enters read array mode, but a negative
transition of Chip Enable or a change of the address is required to ensure valid data outputs.
2.8
VDD supply voltage
VDD provides the power supply to the internal core and the I/O pins of the memory device. It
is the main power supply for all operations (read, program and erase).
2.9
VPP program supply voltage
VPP is both a control input and a power supply pin. The two functions are selected by the
voltage range applied to the pin. The supply voltage, VDD, and the program supply voltage,
VPP, can be applied in any order.
If VPP is kept in a low voltage range (0 V to 3.6 V) VPP is seen as a control input. In this case
a voltage lower than VPPLK gives an absolute protection against program or erase, while
VPP > VPP1 enables these functions (see Table 15: DC characteristics, for the relevant
values). VPP is only sampled at the beginning of a program or erase; a change in its value
after the operation has started does not have any effect on program or erase, however for
Double or Quadruple Word Program the results are uncertain.
If VPP is in the range 11.4 V to 12.6 V it acts as a power supply pin. In this condition VPP
must be stable until the Program/Erase algorithm is completed (see Table 17 and Table 18).
2.10
VSS ground
VSS is the reference for all voltage measurements.
Note:
Each device in a system should have VDD and VPP decoupled with a 0.1 µF capacitor close
to the pin. See Figure 7: AC measurement load circuit. The PCB track widths should be
sufficient to carry the required VPP program and erase currents.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com