Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M28W640HCT Datasheet(PDF) 14 Page - Numonyx B.V

Part # M28W640HCT
Description  64 Mbit (4 Mb x 16, boot block) 3 V supply Flash memory
PDF  72 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NUMONYX [Numonyx B.V]
Direct Link  http://www.numonyx.com
Logo NUMONYX - Numonyx B.V

M28W640HCT Datasheet(HTML) 14 Page - Numonyx B.V

Back Button M28W640HCT Datasheet HTML 10Page - Numonyx B.V M28W640HCT Datasheet HTML 11Page - Numonyx B.V M28W640HCT Datasheet HTML 12Page - Numonyx B.V M28W640HCT Datasheet HTML 13Page - Numonyx B.V M28W640HCT Datasheet HTML 14Page - Numonyx B.V M28W640HCT Datasheet HTML 15Page - Numonyx B.V M28W640HCT Datasheet HTML 16Page - Numonyx B.V M28W640HCT Datasheet HTML 17Page - Numonyx B.V M28W640HCT Datasheet HTML 18Page - Numonyx B.V Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 72 page
background image
Bus operations
M28W640HCT, M28W640HCB
14/72
3
Bus operations
There are six standard bus operations that control the device. These are Bus Read, Bus
Write, Output Disable, Standby, Automatic Standby and Reset. See Table 2: Bus operations,
for a summary.
Typically glitches of less than 5 ns on Chip Enable or Write Enable are ignored by the
memory and do not affect bus operations.
3.1
Read
Read bus operations are used to output the contents of the memory array, the Electronic
Signature, the Status Register and the common Flash interface. Both Chip Enable and
Output Enable must be at VIL in order to perform a read operation. The Chip Enable input
should be used to enable the device. Output Enable should be used to gate data onto the
output. The data read depends on the previous command written to the memory (see
Section 4: Command interface). See Figure 8: Read AC waveforms, and Table 16: Read AC
characteristics, for details of when the output becomes valid.
Read operations of the memory array can be performed in asynchronous page mode, which
provides a fast access time. Data is internally read and stored in a page buffer. The page
has a size of 4 words and is addressed by A0-A1 address inputs. Read operations of the
electronic signature, the Status Register, the command Flash interface, the Block Protection
status, the Configuration Register status and the security code are performed as
asynchronous read cycles (Random Read). Both Chip Enable, E, and Output Enable, G,
must be at VIL in order to read the output of the memory (see Figure 9: Page Read AC
waveforms).
Read mode is the default state of the device when exiting reset or after power-up.
3.2
Write
Bus write operations write commands to the memory or latch input data to be programmed.
A write operation is initiated when Chip Enable and Write Enable are at VIL with Output
Enable at VIH. Commands, input data and addresses are latched on the rising edge of Write
Enable or Chip Enable, whichever occurs first.
See Figure 9 and Figure 11, Write AC waveforms, and Table 17 and Table 18, Write AC
characteristics, for details of the timing requirements.
3.3
Output Disable
The data outputs are high impedance when the Output Enable is at VIH.
3.4
Standby
Standby disables most of the internal circuitry allowing a substantial reduction of the current
consumption. The memory is in standby when Chip Enable is at VIH and the device is in
read mode. The power consumption is reduced to the standby level and the outputs are set



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com