Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M28W640HCT Datasheet(PDF) 30 Page - Numonyx B.V

Part # M28W640HCT
Description  64 Mbit (4 Mb x 16, boot block) 3 V supply Flash memory
PDF  72 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NUMONYX [Numonyx B.V]
Direct Link  http://www.numonyx.com
Logo NUMONYX - Numonyx B.V

M28W640HCT Datasheet(HTML) 30 Page - Numonyx B.V

Back Button M28W640HCT Datasheet HTML 26Page - Numonyx B.V M28W640HCT Datasheet HTML 27Page - Numonyx B.V M28W640HCT Datasheet HTML 28Page - Numonyx B.V M28W640HCT Datasheet HTML 29Page - Numonyx B.V M28W640HCT Datasheet HTML 30Page - Numonyx B.V M28W640HCT Datasheet HTML 31Page - Numonyx B.V M28W640HCT Datasheet HTML 32Page - Numonyx B.V M28W640HCT Datasheet HTML 33Page - Numonyx B.V M28W640HCT Datasheet HTML 34Page - Numonyx B.V Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 72 page
background image
Status Register
M28W640HCT, M28W640HCB
30/72
6.7
Block Protection status (bit 1)
The Block Protection status bit can be used to identify if a program or erase operation has
tried to modify the contents of a locked block.
When the Block Protection status bit is High (set to ‘1’), a program or erase operation has
been attempted on a locked block.
Once set High, the Block Protection status bit can only be reset Low by a Clear Status
Register command or a hardware reset. If set High it should be reset before a new
command is issued, otherwise the new command will appear to fail.
6.8
Reserved (bit 0)
Bit 0 of the Status Register is reserved. Its value must be masked.
Note:
Refer to Appendix C: Flowcharts and pseudocodes, for using the Status Register.
Table 11.
Status Register bits(1)
1.
Logic level '1' is High, '0' is Low.
Bit
Name
Logic level
Definition
7
P/E.controller status
'1'
Ready
'0'
Busy
6
Erase Suspend status
'1'
Suspended
'0'
In progress or completed
5
Erase status
'1'
Erase error
'0'
Erase success
4
Program status
'1'
Program error
'0'
Program success
3VPP status
'1'
VPP invalid, abort
'0'
VPP OK
2
Program Suspend status
'1'
Suspended
'0'
In progress or completed
1
Block Protection status
'1'
Program/Erase on protected Block,
abort
'0'
No operation to protected blocks
0
Reserved



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com