Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LNBP21 Datasheet(PDF) 7 Page - STMicroelectronics

Part # LNBP21
Description  LNBP SUPPLY AND CONTROL IC WITH STEP-UP CONVERTER AND I2C INTERFACE
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LNBP21 Datasheet(HTML) 7 Page - STMicroelectronics

Back Button LNBP21 Datasheet HTML 3Page - STMicroelectronics LNBP21 Datasheet HTML 4Page - STMicroelectronics LNBP21 Datasheet HTML 5Page - STMicroelectronics LNBP21 Datasheet HTML 6Page - STMicroelectronics LNBP21 Datasheet HTML 7Page - STMicroelectronics LNBP21 Datasheet HTML 8Page - STMicroelectronics LNBP21 Datasheet HTML 9Page - STMicroelectronics LNBP21 Datasheet HTML 10Page - STMicroelectronics LNBP21 Datasheet HTML 11Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 20 page
background image
LNBP21
7/20
LNBP1 SOFTWARE DESCRIPTION
INTERFACE PROTOCOL
The interface protocol comprises:
- A start condition (S)
- A chip address byte = hex 10 / 11 (the LSB bit
determines read(=1)/write(=0) transmission)
- A sequence of data (1 byte + acknowledge)
- A stop condition (P)
ACK= Acknowledge
S= Start
P= Stop
R/W= Read/Write
SYSTEM REGISTER (SR, 1 BYTE)
R,W= read and write bit
R= Read-only bit
All bits reset to 0 at Power-On
TRANSMITTED DATA (I2CBUS WRITE MODE)
When the R/W bit in the chip address is set to 0,
the main µP can write on the System Register
(SR) of the LNBP21 via I2C bus. Only 6 bits out of
the 8 available can be written by the µP, since the
re-maining 2 are left to the diagnostic flags, and
are read-only.
X= don't care.
Values are typical unless otherwise specified
RECEIVED DATA (I2C bus READ MODE)
The LNBP21 can provide to the Master a copy of
the SYSTEM REGISTER information via I2C bus
in read mode. The read mode is Master activated
by sending the chip address with R/W bit set to 1.
At the following master generated clocks bits, the
LNBP21 issues a byte on the SDA data bus line
(MSB transmitted first).
At the ninth clock bit the MCU master can:
- acknowledge the reception, starting in this way
the
transmission
of
another
byte
from
the
LNBP21;
CHIP ADDRESS
DATA
MSB
LSB
MSB
LSB
S
0001000
R/W ACK
ACK
P
MSB
LSB
R, W
R, W
R, W
R, W
R, W
R, W
R
R
PCL
ISEL
TEN
LLC
VSEL
EN
OTF
OLF
PCL
ISEL
TEN
LLC
VSEL
EN
OTF
OLF
Function
001
X
X
VOUT=13V, VUP=16V Loopthrough switch open
011
X
X
VOUT=18V, VUP=21V Loopthrough switch open
101
X
X
VOUT=14V, VUP=17V Loopthrough switch open
111
X
X
VOUT=19V, VUP=22V Loopthrough switch open
0
1
X
X
22KHz tone is controlled by DSQIN pin
1
1
X
X
22KHz tone is ON, DSQIN pin disabled
01
X
X
IOUT(min)=500mA, IOUT(max)=650mA ISC=300mA
11
X
X
IOUT(min)=400mA, IOUT(max)=550mA ISC=300mA
0
1
X
X
Pulsed (dynamic) current limiting is selected
1
1
X
X
Static current limiting is selected
X
X
X
X
X
0
X
X
Power blocks disabled, Loopthrough switch closed



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com