Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LNBP21 Datasheet(PDF) 16 Page - STMicroelectronics

Part # LNBP21
Description  LNBP SUPPLY AND CONTROL IC WITH STEP-UP CONVERTER AND I2C INTERFACE
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LNBP21 Datasheet(HTML) 16 Page - STMicroelectronics

Back Button LNBP21 Datasheet HTML 12Page - STMicroelectronics LNBP21 Datasheet HTML 13Page - STMicroelectronics LNBP21 Datasheet HTML 14Page - STMicroelectronics LNBP21 Datasheet HTML 15Page - STMicroelectronics LNBP21 Datasheet HTML 16Page - STMicroelectronics LNBP21 Datasheet HTML 17Page - STMicroelectronics LNBP21 Datasheet HTML 18Page - STMicroelectronics LNBP21 Datasheet HTML 19Page - STMicroelectronics LNBP21 Datasheet HTML 20Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 16 / 20 page
background image
LNBP21
16/20
Figure 34 : Output Voltage Transient Response
from 13V to 18V
Figure 35 : Output Voltage Transient Response
from 13V to 18V
TERMAL DESIGN NOTES
During normal operation, this device dissipates
some power. At maximum rated output current
(500mA), the voltage drop on the linear regulator
lead to a total dissipated power that is of about
1.7W. The heat generated requires a suitable
heatsink to keep the junction temperature below
the
overtemperature
protection
threshold.
Assuming
a
40°C
temperature
inside
the
Set-Top-Box case, the total Rthj-amb has to be
less than 50°C/W.
While this
can be easily
achieved using a
through-hole power package that can be attached
to a small heatsink or to the metallic frame of the
receiver, a surface mount power package must
rely on PCB solutions whose thermal efficiency is
often limited. The simplest solution is to use a
large, con-tinuous copper area of the GND layer to
dissipate the heat coming from the IC body.
The SO-20 package of this IC has 4 GND pins that
are
not
just
intended
for
electrical
GND
connec-tion, but also to provide a low thermal
resistance path between the silicon chip and the
PCB heatsink. Given an Rthj-c equal to 15°C/W,
a maximum of
35°C/W
are left to the PCB
heatsink. This figure is achieved if a minimum of
25cm2 copper area is placed just below the IC
body. This area can be the inner GND layer of a
multi-layer PCB, or, in a dual layer PCB, an
unbroken GND area even on the opposite side
where the IC is placed. In both cases, the thermal
path between the IC GND pins and the dissipating
copper area must exhibit a low thermal resistance.
In figure 4 , it is shown a suggested layout for the
SO-20 package with a dual layer PCB, where the
IC Ground pins and the square dissipating area
are thermally connected through 32 vias holes,
filled
by
solder.
This
arrangement,
when
L=50mm, achieves an Rthc-a of about 25°C/W.
Different
layouts
are
possible,
too.
Basic
principles, however, suggest to keep the IC and its
ground pins approximately in the middle of the
dissipating area; to provide as many vias as
possible; tode-signadissipatingareahavinga
shape as square as possible and not interrupted
by other copper traces.
Due to presence of an exposed pad connected to
GND below the IC body, the PowerSO-20
package has a Rthj-c much lower than the SO-20,
only 2°C/W. As a result, much lower copper area
must be provided to dissipate the same power and
minimum of 12cm2 copper area is enough, see
figure 5.
VCC=12V, IO=50mA, VSEL=from 0 to 1, EN=1
VCC=12V, IO=50mA, VSEL=from 1 to 0, EN=1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com