Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LNBP21 Datasheet(PDF) 4 Page - STMicroelectronics

Part # LNBP21
Description  LNBP SUPPLY AND CONTROL IC WITH STEP-UP CONVERTER AND I2C INTERFACE
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LNBP21 Datasheet(HTML) 4 Page - STMicroelectronics

  LNBP21 Datasheet HTML 1Page - STMicroelectronics LNBP21 Datasheet HTML 2Page - STMicroelectronics LNBP21 Datasheet HTML 3Page - STMicroelectronics LNBP21 Datasheet HTML 4Page - STMicroelectronics LNBP21 Datasheet HTML 5Page - STMicroelectronics LNBP21 Datasheet HTML 6Page - STMicroelectronics LNBP21 Datasheet HTML 7Page - STMicroelectronics LNBP21 Datasheet HTML 8Page - STMicroelectronics LNBP21 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 20 page
background image
LNBP21
4/20
TABLE A: PIN CONFIGURATIONS
SYMBOL
NAME
FUNCTION
PIN NUMBER
vs PACKAGE
SO-20
PowerSO-20
VCC
Supply Input
8V to 15V supply. A 220µF bypass capacitor to
GND with a 470nF (ceramic) in parallel is
recommended
19
18
GATE
Exrernal Switch Gate
External MOS switch Gate connection of the
step-up converter
17
17
SENSE
Current Sense Input
Current Sense comparator input. Connected to
current sensing resistor
14
16
Vup
Step-up Voltage
Input of the linear post-regulator. The voltage on this
pin is monitored by internal step-ut controller to
keep a minimum dropout across the linear pass
transistor
20
19
OUT
Output Port
Output of the linear post regulator modulator to the
LNB. See truth table for voltage selections.
12
SDA
Serial Data
Bidirectional data from/to I2C bus.
11
12
SCL
Serial Clock
Clock from I2Cbus.
12
13
DSQIN
DiSEqC Input
When the TEN bit of the System Register is LOW,
this pin will accept the DiSEqC code from the main
µcontroller. The LNBP21 will use this code to
modulate the internally generated 22kHz carrier. Set
to GND thi pin if not used.
13
14
DETIN
Detector In
22kHz Tone Detector Input. Must be AC coupled to
the DiSEcQ bus.
99
DSQOUT DiSEqC Output
Open collector output of the tone Detector to the
main
µcontroller for DiSEcQ data decoding. It is
LOW when tone is detected.
10
15
EXTM
Extrernal Modulator
External Modulation Input. Need DC decoupling to
the AC source. If not used, can be left open.
45
GND
Ground
Circuit Ground. It is internally connected to the die
frame for heat dissipation.
5, 6, 15,16
1,10, 11,20
BYP
Bypass Capacitor
Needed for internal preregulator filtering
8
8
LT1
Loop Through Switch
In standby mode the power switch between LT1
and LT2 is closed. Max allowed current is 900mA.
this pin can be left open if loopthrough function is
not needed.
34
LT2
Loop Through Switch
Same as above
2
3
ADDR
Address Setting
Four I2C bus addresses available by setting the
Address Pin level voltage
77



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com