Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LNBP21 Datasheet(PDF) 10 Page - STMicroelectronics

Part # LNBP21
Description  LNBP SUPPLY AND CONTROL IC WITH STEP-UP CONVERTER AND I2C INTERFACE
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LNBP21 Datasheet(HTML) 10 Page - STMicroelectronics

Back Button LNBP21 Datasheet HTML 6Page - STMicroelectronics LNBP21 Datasheet HTML 7Page - STMicroelectronics LNBP21 Datasheet HTML 8Page - STMicroelectronics LNBP21 Datasheet HTML 9Page - STMicroelectronics LNBP21 Datasheet HTML 10Page - STMicroelectronics LNBP21 Datasheet HTML 11Page - STMicroelectronics LNBP21 Datasheet HTML 12Page - STMicroelectronics LNBP21 Datasheet HTML 13Page - STMicroelectronics LNBP21 Datasheet HTML 14Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 20 page
background image
LNBP21
10/20
GATE AND SENSE ELECTRICAL CHARACTERISTICS (TJ = 0 to 85°C, VIN=12V)
I2C ELECTRICAL CHARACTERISTICS (TJ =0 to 85°C, VIN=12V)
ADDRESS PIN CHARACTERISTICS (TJ = 0 to 85°C, VIN=12V)
TEST CIRCUIT
Symbol
Parameter
Test Conditions
Min.
Typ.
Max.
Unit
RDSON-L Gate LOW RDSON
IGATE=-100mA
4.5
Ω
RDSON-H Gate LOW RDSON
IGATE=100mA
4.5
Ω
VSENSE Current Limit Sense Voltage
200
mV
Symbol
Parameter
Test Conditions
Min.
Typ.
Max.
Unit
VIL
LOW Level Input Voltage
SDA, SCL
0.8
V
VIH
HIGH Level Input Voltage
SDA, SCL
2
V
IIH
Input Current
SDA, SCL, VIN= 0.4 to 4.5v
-10
10
µA
VIL
DSQIN Input Pin Logic
LOW
SDA (open drain), IOL = 6mA
0.6
V
fMAX
Maximum Clock Frequency SCL
500
KHz
Symbol
Parameter
Test Conditions
Min.
Typ.
Max.
Unit
VADDR-1 "0001000" Addr Pin Voltage
0
0.7
V
VADDR-2 "0001001" Addr Pin Voltage
1.3
1.7
V
VADDR-3 "0001010" Addr Pin Voltage
2.3
2.7
V
VADDR-4 "0001011" Addr Pin Voltage
3.3
5
V
Gate
Vup
LT1
OUT
Vcc
EXTM
DSQOUT
10nF
LT2
DETIN
10nF
Scope Probe
VMI, VOBK
LNBP21
470nF
BYP
IO ,IOBK
A
Vin
A
IIN
A
ILT
V
VOUT
Load
20µF
V
A
IOZ /IOL
OL
VOH /IOL
SDA
SCL
SCL
SDA
{
From I2C
Master
DSQIN
Pulse Gen.
VEXTM, VDETIN
Sense
STN4NF03L
Rsc
0.1
Ω
Ω
Ω
Ω
220µF
470nF
STPS2L30A
220µF
470nF
L1=22µH
ADDRESS
V
1N4001
V V
LT
10nF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com