Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LNBP21 Datasheet(PDF) 8 Page - STMicroelectronics

Part # LNBP21
Description  LNBP SUPPLY AND CONTROL IC WITH STEP-UP CONVERTER AND I2C INTERFACE
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LNBP21 Datasheet(HTML) 8 Page - STMicroelectronics

Back Button LNBP21 Datasheet HTML 4Page - STMicroelectronics LNBP21 Datasheet HTML 5Page - STMicroelectronics LNBP21 Datasheet HTML 6Page - STMicroelectronics LNBP21 Datasheet HTML 7Page - STMicroelectronics LNBP21 Datasheet HTML 8Page - STMicroelectronics LNBP21 Datasheet HTML 9Page - STMicroelectronics LNBP21 Datasheet HTML 10Page - STMicroelectronics LNBP21 Datasheet HTML 11Page - STMicroelectronics LNBP21 Datasheet HTML 12Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 20 page
background image
LNBP21
8/20
- no acknowledge, stopping the read mode
communication.
While the whole register is read back by the µP,
only the two read-only bits OLF and OTF convey
di-agnostic informations about the LNBP21.
Values are typical unless otherwise specified
POWER-ON I2C INTERFACE RESET
TheI2C
interfacebuilt
in
theLNBP21
is
automatically reset at power-on. As long as the
Vcc stays be-low the UnderVoltage Lockout
threshold (6.7V typ.), the interface will not respond
to any I2C com-mand and the System Register
(SR) is initialised to all zeroes, thus keeping the
power blocks disabled. Once the Vcc rises above
7.3V, the I2C interface becomes operative and the
SR can be configured by the main µP. This is due
to About 500mV of hysteresis provided in the UVL
threshold to avoid false retriggering of the
Power-On reset circuit.
DiSEqCTM IMPLEMENTATION
The LNBP21 helps the system designer to
implement the bi-directional (2.x) DiSEqC protocol
by
al-lowing
an
easy
PWK
modulation/
demodulation of the 22KHz carrier. The PWK data
are exchanged between the LNBP21 and the
main µP using logic levels that are compatible with
both 3.3 and 5V mi-crocontrollers. This data
exchange is made through two dedicated pins,
DSQIN and DSQOUT, in or-der to maintain the
timing relationships between the PWK data and
the PWK modulation as accurate as possible.
These two pins should be directly connected to
two I/O pins of the µP, thus leaving to the resident
firmware the task of encoding and decoding the
PWK data in accordance to the DiSEqC pro-tocol.
Full compliance of the system to the specification
is thus not implied by the bare use of the LNBP21.
The
system
designer
should
also
take
in
consideration the bus hardware requirements,
that include the source impedance of the Master
Transmitter measured at 22KHz. To limit the
attenuation at car-rier frequency, this impedance
has to be 15ohm at 22KHz, dropping to zero ohm
at DC to allow the power flow towards the
peripherals. This can be simply accomplished by
the LR
termination put on the OUT pin of the
LNBP, as shown in the Typical Application Circuit
on page 5.
Unidirectional (1.x) DiSEqC and non-DiSEqC
systems normally don't need this termination, and
the OUT pin can be directly connected to the LNB
supply port of the Tuner. There is also no need of
Tone Decoding, thus, it is recommended to
connect the DETIN and DSQOUT pins to ground
to avoid EMI.
ADDRESS PIN
Connecting this pin to GND the Chip I2C interface
address is 0001000, but, it is possible to choice
among 4 different addresses simply setting this
pin at 4 fixed voltage levels (see table on page
10).
ELECTRICAL CHARACTERISTICS FOR LNBP SERIES (TJ = 0 to 85°C, EN=1, LLC=0, TEN=0, ISEL=0,
PCL=0, DSQIN=0, VIN=12V, IOUT=50mA, unless otherwise specified. See software description section
for I2C access to the system register)
PCL
ISEL
TEN
LLC
VSEL
EN
OTF
OLF
Function
These bits are read exactly the same as
they were left after last write operation
0
TJ<140°C, normal operation
1
TJ>150°C, power block disabled, Loothrough switch open
0
IOUT<IOMAX, normal operation
1
IOUT>IOMAX, overload protection triggered
Symbol
Parameter
Test Conditions
Min.
Typ.
Max.
Unit
VIN
Supply Voltage
IO = 500 mA TEN=VSEL=LLC=1
8
15
V
VLT1
LT1 Input Voltage
20
V
IIN
Supply Current
IO = 0mA TEN=VSEL=LLC=1
EN=1
20
40
mA
EN=0
2.55mA
VO
Output Voltage
IO = 500 mA VSEL=1
LLC=0
17.3
18
18.7
V
LLC=1
19
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com