Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MFRC522 Datasheet(PDF) 17 Page - NXP Semiconductors

Part # MFRC522
Description  Contactless Reader IC
PDF  109 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

MFRC522 Datasheet(HTML) 17 Page - NXP Semiconductors

Back Button MFRC522 Datasheet HTML 13Page - NXP Semiconductors MFRC522 Datasheet HTML 14Page - NXP Semiconductors MFRC522 Datasheet HTML 15Page - NXP Semiconductors MFRC522 Datasheet HTML 16Page - NXP Semiconductors MFRC522 Datasheet HTML 17Page - NXP Semiconductors MFRC522 Datasheet HTML 18Page - NXP Semiconductors MFRC522 Datasheet HTML 19Page - NXP Semiconductors MFRC522 Datasheet HTML 20Page - NXP Semiconductors MFRC522 Datasheet HTML 21Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 109 page
background image
112132
© NXP B.V. 2007. All rights reserved.
Product data sheet
Rev. 3.2 — 22 May 2007
17 of 109
NXP Semiconductors
MFRC522
Contactless Reader IC
9.2.1.6
DivIRqReg
Contains Interrupt Request bits
2
LoAlertIRq
Set to logic 1, when bit LoAlert in register Status1Reg is set. In opposition to
LoAlert, LoAlertIRq stores this event and can only be reset as indicated by bit
Set1.
1
ErrIRq
Set to logic 1 if any error bit in the ErrorReg Register is set.
0
TimerIRq
Set to logic 1 when the timer decrements the TimerValue Register to zero.
Table 16:
Description of CommIRqReg bits …continued
All bits in the register CommIRqReg shall be cleared by software.
Bit
Symbol
Description
Table 17:
DivIRqReg register (address 05h); reset value: X0h
Bit
7
6
5
4
3
2
1
0
Symbol
Set2
-
MfinActIRq
-
CRCIRq
-
Access
Rights
wRFU
dy
RFU
dy
RFU
Table 18:
Description of DivIRqReg bits
All bits in the register DivIRqReg shall be cleared by software.
Bit
Symbol
Description
7
Set2
Set to logic 1, Set2 defines that the marked bits in the register
DivIRqReg are set.
Set to logic 0, Set2 defines, that the marked bits in the register
DivIRqReg are cleared
6 to 5
-
Reserved for future use.
4
MfinActIRq
Set to logic 1, when MFIN is active. This interrupt is set when either a
rising or falling signal edge is detected.
3
-
Reserved for future use.
2
CRCIRq
Set to logic 1, when the CRC command is active and all data are
processed.
1 to 0
-
Reserved for future use.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com