Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MFRC522 Datasheet(PDF) 68 Page - NXP Semiconductors

Part # MFRC522
Description  Contactless Reader IC
PDF  109 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

MFRC522 Datasheet(HTML) 68 Page - NXP Semiconductors

Back Button MFRC522 Datasheet HTML 64Page - NXP Semiconductors MFRC522 Datasheet HTML 65Page - NXP Semiconductors MFRC522 Datasheet HTML 66Page - NXP Semiconductors MFRC522 Datasheet HTML 67Page - NXP Semiconductors MFRC522 Datasheet HTML 68Page - NXP Semiconductors MFRC522 Datasheet HTML 69Page - NXP Semiconductors MFRC522 Datasheet HTML 70Page - NXP Semiconductors MFRC522 Datasheet HTML 71Page - NXP Semiconductors MFRC522 Datasheet HTML 72Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 68 / 109 page
background image
112132
© NXP B.V. 2007. All rights reserved.
Product data sheet
Rev. 3.2 — 22 May 2007
68 of 109
NXP Semiconductors
MFRC522
Contactless Reader IC
14. Interrupt Request System
The MFRC522 indicates certain events by setting bit IRq in the register Status1Reg and
additionally, if activated, by pin IRQ. The signal on pin IRQ may be used to interrupt the
host using its interrupt handling capabilities. This allows the implementation of efficient
host software.
The following table shows the available interrupt bits, the corresponding source and the
condition for its activation. The interrupt bit TimerIRq in register CommIRqReg indicates
an interrupt set by the timer unit. The setting is done when the timer decrements from 1
down to 0.
The TxIRq bit in register CommIRqReg indicates that the transmitter has finished. If the
state changes from sending data to transmitting the end of the frame pattern, the
transmitter unit sets the interrupt bit automatically. The CRC coprocessor sets the bit
CRCIRq in the register DivIRqReg after having processed all data from the FIFO buffer.
This is indicated by the bit CRCReady = 1.
The bit RxIRq in register CommIRqReg indicates an interrupt when the end of the
received data is detected.
The bit IdleIRq in register CommIRqReg is set if a command finishes and the content of
the command register changes to idle.
The bit HiAlertIRq in register CommIRqReg is set to logic 1 if the HiAlert bit is set to
logic 1, that means the FIFO buffer has reached the level indicated by the bit WaterLevel.
The bit LoAlertIRq in register CommIRqReg is set to logic 1 if the LoAlert bit is set to
logic 1, that means the FIFO buffer has reached the level indicated by the bit WaterLevel.
The bit ErrIRq in register CommIRqReg indicates an error detected by the contactless
UART during sending or receiving. This is indicated by any bit set to logic 1 in register
ErrorReg.
Table 148: Interrupt Sources
Interrupt bit
Interrupt Source
Is set automatically, when
TimerIRq
Timer Unit
the timer counts from 1 to 0
TxIRq
Transmitter
a transmitted data stream ends
CRCIRq
CRC co-processor
all data from the FIFO buffer has been processed
RxIRq
Receiver
a received data stream ends
IdleIRq
Command Register
a command execution finishes
HiAlertIRq
FIFO-buffer
the FIFO-buffer is getting full
LoAlertIRq
FIFO-buffer
the FIFO-buffer is getting empty
ErrIRq
contactless UART
an error is detected



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com