Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MFRC522 Datasheet(PDF) 86 Page - NXP Semiconductors

Part # MFRC522
Description  Contactless Reader IC
PDF  109 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

MFRC522 Datasheet(HTML) 86 Page - NXP Semiconductors

Back Button MFRC522 Datasheet HTML 82Page - NXP Semiconductors MFRC522 Datasheet HTML 83Page - NXP Semiconductors MFRC522 Datasheet HTML 84Page - NXP Semiconductors MFRC522 Datasheet HTML 85Page - NXP Semiconductors MFRC522 Datasheet HTML 86Page - NXP Semiconductors MFRC522 Datasheet HTML 87Page - NXP Semiconductors MFRC522 Datasheet HTML 88Page - NXP Semiconductors MFRC522 Datasheet HTML 89Page - NXP Semiconductors MFRC522 Datasheet HTML 90Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 86 / 109 page
background image
112132
© NXP B.V. 2007. All rights reserved.
Product data sheet
Rev. 3.2 — 22 May 2007
86 of 109
NXP Semiconductors
MFRC522
Contactless Reader IC
23.1.9 Output Pin characteristics for Pins AUX1 and AUX2
23.1.10 Output Pin characteristics for Pins TX1 and TX2
VIH
Input voltage High
0.7 AVDD --
V
VIL
Input voltage Low
-
-
0.3 AVDD V
COSCIN
Input capacitance
AVDD =2.8 V,
VDC = 0.65 V,
VAC =1VPP
-2
-
pF
Table 165: Input Pin characteristics for OSCIN
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
Table 166: Output Pin characteristics for Pins AUX1 and AUX2
Symbol Parameter
Conditions
Min
Typ
Max
Unit
VOH
Output voltage HIGH DVDD =3V,
IO =4 mA
DVDD -400 mV -
DVDD
V
VOL
Output voltage LOW
DVDD =3V,
IO =4 mA
DVSS
-DVSS +400 mV V
IOL
Output current drive
LOW
DVDD =3 V
-
-
4
mA
IOH
Output current drive
HIGH
DVDD =3 V
-
-
4
mA
Table 167: Output Pin characteristics for Pins TX1 and TX2
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
VOH,C32,3V
Output voltage
HIGH
TVDD = 3 V and
ITX =32mA,
CWGsP =3Fh
TVDD -150 mV
-
-
mV
VOH,C80,3V
TVDD = 3 V and
ITX =80mA,
CWGsP =3Fh
TVDD -400 mV
-
-
mV
VOH,C32,2V5
TVDD = 2.5 V and
ITX =32mA,
CWGsP =3Fh
TVDD -240 mV
-
-
mV
VOH,C80,2V5
TVDD = 2.5 V and
ITX =80mA,
CWGsP =3Fh
TVDD -640 mV
-
-
mV
VOL,C32,3V
Output voltage
LOW
TVDD = 3 V and
ITX =32mA,
CWGsP =0Fh
-
-
150
mV
VOL,C80,3V
TVDD = 3 V and
ITX =80mA,
CWGsP =0Fh
-
-
400
mV
VOL,C32,2V5
TVDD = 2.5 V and
ITX =32mA,
CWGsP =0Fh
-
-
240
mV
VOL,C80,2V5
TVDD = 2.5 V and
ITX =80mA,
CWGsP =0Fh
-
-
640
mV



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com