Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MFRC522 Datasheet(PDF) 87 Page - NXP Semiconductors

Part # MFRC522
Description  Contactless Reader IC
PDF  109 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

MFRC522 Datasheet(HTML) 87 Page - NXP Semiconductors

Back Button MFRC522 Datasheet HTML 83Page - NXP Semiconductors MFRC522 Datasheet HTML 84Page - NXP Semiconductors MFRC522 Datasheet HTML 85Page - NXP Semiconductors MFRC522 Datasheet HTML 86Page - NXP Semiconductors MFRC522 Datasheet HTML 87Page - NXP Semiconductors MFRC522 Datasheet HTML 88Page - NXP Semiconductors MFRC522 Datasheet HTML 89Page - NXP Semiconductors MFRC522 Datasheet HTML 90Page - NXP Semiconductors MFRC522 Datasheet HTML 91Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 87 / 109 page
background image
112132
© NXP B.V. 2007. All rights reserved.
Product data sheet
Rev. 3.2 — 22 May 2007
87 of 109
NXP Semiconductors
MFRC522
Contactless Reader IC
23.2 Current Consumption
[1]
ITVDD depends on TVDD and the external circuitry connected to Tx1 and Tx2
[2]
IPVDD depends on the overall load at the digital pins.
[3]
During operation with a typical circuitry the overall current is below 100 mA.
[4]
ISPD and IHPD are the total currents over all supplies.
[5]
Typical value using a complementary driver configuration and an antenna matched to 40
Ω between TX1
and TX2 at 13.56 MHz
[6]
ISVDD depends on the load at the MFOUT pin.
Table 168: Current Consumption
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
IHPD
Hard Power-down
Current
AVDD =DVDD =
TVDD =PVDD =3V,
NRESET =LOW
[4]
--
5
μA
ISPD
Soft Power-down
Current
AVDD =DVDD =
TVDD =PVDD = 3 V
[4]
--
10
μA
IDVDD
Digital Supply
Current
DVDD =3V
-
6.5
9
mA
IAVDD
Analog Supply
Current
AVDD =3V,
bit RCVOff =0
-7
10
mA
IAVDD,RCVOFF Analog Supply
Current, receiver
switched off
AVDD =3V,
bit RCVOff =1
-
35mA
IPVDD
Pad Supply
Current
[2]
--
40
mA
ITVDD
Transmitter Supply
Current
Continuous Wave
[1][3]
-60[5]
100
mA
ISVDD
MFIN/MFOUT Pad
Supply Current
[6]
--
4
mA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com