Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MFRC522 Datasheet(PDF) 28 Page - NXP Semiconductors

Part # MFRC522
Description  Contactless Reader IC
PDF  109 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

MFRC522 Datasheet(HTML) 28 Page - NXP Semiconductors

Back Button MFRC522 Datasheet HTML 24Page - NXP Semiconductors MFRC522 Datasheet HTML 25Page - NXP Semiconductors MFRC522 Datasheet HTML 26Page - NXP Semiconductors MFRC522 Datasheet HTML 27Page - NXP Semiconductors MFRC522 Datasheet HTML 28Page - NXP Semiconductors MFRC522 Datasheet HTML 29Page - NXP Semiconductors MFRC522 Datasheet HTML 30Page - NXP Semiconductors MFRC522 Datasheet HTML 31Page - NXP Semiconductors MFRC522 Datasheet HTML 32Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 109 page
background image
112132
© NXP B.V. 2007. All rights reserved.
Product data sheet
Rev. 3.2 — 22 May 2007
28 of 109
NXP Semiconductors
MFRC522
Contactless Reader IC
9.2.2.6
TxASKReg
Controls the settings of the transmit modulation.
9.2.2.7
TxSelReg
Selects the internal sources for the analog part.
Table 49:
TxAutoReg register (address 15h); reset value: 00h
Bit
7
6
5
4
3
2
1
0
Symbol
-
Force100ASK
-
Access
Rights
RFU
r/w
RFU
Table 50:
Description of TxAutoReg bits
Bit
Symbol
Description
7
-
Reserved for future use.
6
Force100ASK
Set to logic 1, Force100ASK forces a 100% ASK modulation
independent of the setting in register ModGsPReg.
5 to 0
-
Reserved for future use.
Table 51:
TxSelReg register (address 16h); reset value: 10h
Bit
7
6
5
4
3
2
1
0
Symbol
-
DriverSel
MfOutSel
Access
Rights
RFU
r/w
r/w
Table 52:
Description of TxSelReg bits
Bit
Symbol
Description
7 to 6
-
Reserved for future use.
5 to 4
DriverSel
Selects the input of driver Tx1 and Tx2.
Value
Description
00
Tristate
Remark: In soft power-down the drivers are only in tristate
mode if DriverSel is set to tristate mode.
01
Modulation signal (envelope) from the internal coder, Miller
Pulse Coded.
10
Modulation signal (envelope) from MIFIN
11
High
Remark: The High level depends on the setting of
InvTx1RFOn/ InvTx1RFOff and InvTx2RFOn/
InvTx2RFOff.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com