Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MICRF002 Datasheet(PDF) 5 Page - Micrel Semiconductor

Part # MICRF002
Description  300-440MHz QwikRadio?줐SK Receiver
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MICRF002 Datasheet(HTML) 5 Page - Micrel Semiconductor

  MICRF002 Datasheet HTML 1Page - Micrel Semiconductor MICRF002 Datasheet HTML 2Page - Micrel Semiconductor MICRF002 Datasheet HTML 3Page - Micrel Semiconductor MICRF002 Datasheet HTML 4Page - Micrel Semiconductor MICRF002 Datasheet HTML 5Page - Micrel Semiconductor MICRF002 Datasheet HTML 6Page - Micrel Semiconductor MICRF002 Datasheet HTML 7Page - Micrel Semiconductor MICRF002 Datasheet HTML 8Page - Micrel Semiconductor MICRF002 Datasheet HTML 9Page - Micrel Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 16 page
background image
March 2003
5
MICRF002/RF022
MICRF002/RF022
Micrel
Symbol
Parameter
Condition
Min
Typ
Max
Units
Digital/Control Section
V
IN(high)
Input-High Voltage
SEL0, SEL1, SWEN
0.8
V
DD
V
IN(low)
Input-Low Voltage
SEL0, SEL1, SWEN
0.2
V
DD
I
OUT
Output Current
DO, WAKEB pins, push-pull
10
µA
V
OUT(high)
Output High Voltage
DO, WAKEB pins, I
OUT = –1µA
0.9
V
DD
V
OUT(low)
Output Low Voltage
DO, WAKEB pins, I
OUT = +1µA
0.1
V
DD
t
R, tF
Output Rise and Fall Times
DO, WAKEB pins, C
LOAD = 15pF
10
µs
Note 1.
Exceeding the absolute maximum rating may damage the device.
Note 2.
The device is not guaranteed to function outside its operating rating.
Note 3.
Devices are ESD sensitive, use appropriate ESD precautions. Meets class 1 ESD test requirements, (human body model HBM), in accor-
dance with MIL-STD-883C, method 3015. Do not operate or store near strong electrostatic fields.
Note 4:
Sensitivity is defined as the average signal level measured at the input necessary to achieve 10-2 BER (bit error rate). The RF input is
assumed to be matched to 50
Ω.
Note 5:
Spurious reverse isolation represents the spurious components which appear on the RF input pin (ANT) measured into 50
Ω with an input RF
matching network.
Note 6:
Parameter scales linearly with reference oscillator frequency f
T. For any reference oscillator frequency other than 4.8970MHz, compute
new parameter value as the ratio:
f
MHz
4.8970MHz
(parameter value at 4.8970MHz)
REFOSC
×
Note 7:
Parameter scales inversely with reference oscillator frequency f
T. For any reference oscillator frequency other than 4.8970MHz, compute
new parameter value as the ratio:
Note 8:
Series resistance of the resonator (ceramic resonator or crystal) should be minimized to the extent possible. In cases where the resonator
series resistance is too great, the oscillator may oscillate at a diminished peak-to-peak level, or may fail to oscillate entirely. Micrel recom-
mends that series resistances for ceramic resonators and crystals not exceed 50Ohms and 100Ohms respectively. Refer to Application Hint
35 for crystal recommendations.
4.8970MHz
f
MHz
(parameter value at 4.8970MHz)
REFOSC
×



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com