Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MICRF002 Datasheet(PDF) 1 Page - Micrel Semiconductor

Part # MICRF002
Description  300-440MHz QwikRadio?줐SK Receiver
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MICRF002 Datasheet(HTML) 1 Page - Micrel Semiconductor

  MICRF002 Datasheet HTML 1Page - Micrel Semiconductor MICRF002 Datasheet HTML 2Page - Micrel Semiconductor MICRF002 Datasheet HTML 3Page - Micrel Semiconductor MICRF002 Datasheet HTML 4Page - Micrel Semiconductor MICRF002 Datasheet HTML 5Page - Micrel Semiconductor MICRF002 Datasheet HTML 6Page - Micrel Semiconductor MICRF002 Datasheet HTML 7Page - Micrel Semiconductor MICRF002 Datasheet HTML 8Page - Micrel Semiconductor MICRF002 Datasheet HTML 9Page - Micrel Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 16 page
background image
March 2003
1
MICRF002/RF022
MICRF002/RF022
Micrel
MICRF002/RF022
300-440MHz QwikRadio™ASK Receiver
Final Information
Typical Application
SEL0
SEL0
SWEN
VSSRF
REFOSC
VSSRF
SEL1
ANT
CAGC
VDDRF
WAKEB
VDDBB
SHUT
CTH
DO
NC
VSSBB
0.047uF
4.8970MHz
Data
Output
MICRF002
4.7uF
+5V
12nH
12pF
68nH
1/4 Wave Monopole
315MHz 800bps On-Off Keyed Receiver
Features
• 300MHz to 440MHz frequency range
• Data-rate up to 10kbps (fixed-mode)
• Low Power Consumption
• 2.2mA fully operational (315MHz)
• 0.9
µA in shutdown
• 220
µA in polled operation (10:1 duty-cycle)
• Wake-up output flag to enable decoders and micropro-
cessors
• Very low RF reradiation at the antenna
• Highly integrated with extremely low external part count
Applications
• Automotive Remote Keyless Entry (RKE)
• Remote controls
• Remote fan and light control
• Garage door and gate openers
Micrel, Inc. • 1849 Fortune Drive • San Jose, CA 95131 • USA • tel + 1 (408) 944-0800 • fax + 1 (408) 944-0970 • http://www.micrel.com
QwikRadio is a trademark of Micrel, Inc. The QwikRadio ICs were developed under a partnership agreement with AIT of Orlando, Florida.
General Description
The MICRF002 is a single chip ASK/OOK (ON-OFF Keyed)
RF receiver IC. This device is a true “antenna-in to data-out”
monolithic device. All RF and IF tuning is accomplished
automatically within the IC which eliminates manual tuning
and reduces production costs. The result is a highly reliable
yet low cost solution.
The MICRF002 is a fully featured part in 16-pin packaging,
the MICRF022 is the same part packaged in 8-pin packaging
with a reduced feature set (see “Ordering Information” for
more information).
The MICRF002 is an enhanced version of the MICRF001
and MICRF011. The MICRF002 provides two additional
functions over the MICRF001/011, (1) a Shutdown pin, which
may be used to turn the device off for duty-cycled operation,
and (2) a “Wake-up” output, which provides an output flag
indicating when an RF signal is present. These features make
the MICRF002 ideal for low and ultra-low power applications,
such as RKE and remote controls.
All IF filtering and post-detection (demodulator) data filtering
is provided within the MICRF002, so no external filters are
necessary. One of four demodulator filter bandwidths may be
selected externally by the user.
The MICRF002 offer two modes of operation; fixed-mode
(FIX) and sweep-mode (SWP). In fixed mode the MICRF002
functions as a conventional superhet receiver. In sweep
mode the MICRF002 employs a patented sweeping function
to sweep a wider RF spectrum. Fixed-mode provides better
selectivity and sensitivity performance and sweep mode
enables the MICRF002 to be used with low cost, imprecise
transmitters.
QwikRadio™


Similar Part No. - MICRF002

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
MICRF002 MICREL-MICRF002 Datasheet
188Kb / 13P
QwikRadiotm Low Power UHF Receiver Preliminary Information
MICRF002 MICREL-MICRF002 Datasheet
377Kb / 17P
300-440MHz QwikRadio짰 ASK Receiver
MICRF002BM MICREL-MICRF002BM Datasheet
188Kb / 13P
QwikRadiotm Low Power UHF Receiver Preliminary Information
MICRF002BN MICREL-MICRF002BN Datasheet
188Kb / 13P
QwikRadiotm Low Power UHF Receiver Preliminary Information
MICRF002YM MICREL-MICRF002YM Datasheet
377Kb / 17P
300-440MHz QwikRadio짰 ASK Receiver
More results

Similar Description - MICRF002

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
MICRF004 MICREL-MICRF004 Datasheet
94Kb / 16P
QwikRadio??Low-Power VHF Receiver Advance Information
MICRF008 MICREL-MICRF008 Datasheet
115Kb / 12P
QwikRadio??Sweep-Mode Receiver
MICRF007 MICREL-MICRF007 Datasheet
96Kb / 16P
QwikRadio Low-Power UHF Receiver
MICRF009 MICREL-MICRF009 Datasheet
1Mb / 16P
QwikRadio Low-Power UHF Receiver
MICRF010 MICREL-MICRF010 Datasheet
364Kb / 14P
QwikRadio Low-Power UHF Receiver
MICRF008 MICREL-MICRF008_11 Datasheet
208Kb / 13P
QwikRadio Sweep-Mode Receiver
MICRF213 MICREL-MICRF213_11 Datasheet
975Kb / 16P
3.3V, QwikRadio 315MHz Receiver
MICRF221 MICREL-MICRF221 Datasheet
1Mb / 26P
3.3V, QwikRadio 850 MHz to 950 MHz Receiver
MICRF002 MICREL-MICRF002_08 Datasheet
377Kb / 17P
300-440MHz QwikRadio짰 ASK Receiver
logo
List of Unclassifed Man...
RF83 ETC2-RF83 Datasheet
500Kb / 22P
300~440MHz ASK/OOK Receiver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com