Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MICRF002 Datasheet(PDF) 3 Page - Micrel Semiconductor

Part # MICRF002
Description  300-440MHz QwikRadio?줐SK Receiver
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MICRF002 Datasheet(HTML) 3 Page - Micrel Semiconductor

  MICRF002 Datasheet HTML 1Page - Micrel Semiconductor MICRF002 Datasheet HTML 2Page - Micrel Semiconductor MICRF002 Datasheet HTML 3Page - Micrel Semiconductor MICRF002 Datasheet HTML 4Page - Micrel Semiconductor MICRF002 Datasheet HTML 5Page - Micrel Semiconductor MICRF002 Datasheet HTML 6Page - Micrel Semiconductor MICRF002 Datasheet HTML 7Page - Micrel Semiconductor MICRF002 Datasheet HTML 8Page - Micrel Semiconductor MICRF002 Datasheet HTML 9Page - Micrel Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 16 page
background image
March 2003
3
MICRF002/RF022
MICRF002/RF022
Micrel
Pin Description
Pin Number
Pin Number
Pin Name
Pin Function
16-Pin Pkg.
8-Pin Pkg.
1
SEL0
Bandwidth Selection Bit 0 (Digital Input): Used in conjunction with SEL1 to
set the desired demodulator filter bandwidth. See Table 1. Internally pulled-
up to VDDRF
2, 3
1
VSSRF
RF Power Supply: Ground return to the RF section power supply.
4
2
ANT
Antenna (Analog Input): For optimal performance the ANT pin should be
impedance matched to the antenna. See “Applications Information” for
information on input impedance and matching techniques
5
3
VDDRF
RF Power Supply: Positive supply input for the RF section of the IC
6
VDDBB
Base-Band Power Supply: Positive supply input for the baseband section
(digital section) of the IC
7
4
CTH
Data Slicing Threshold Capacitor (Analog I/O): Capacitor connected to this
pin extracts the dc average value from the demodulated waveform which
becomes the reference for the internal data slicing comparator
8
NC
Not internally connected
9
VSSBB
Base-Band Power Supply: Ground return to the baseband section power
supply
10
5
DO
Data Output (Digital Output)
11
6
SHUT
Shutdown (Digital Input): Shutdown-mode logic-level control input. Pull low
to enable the receiver. Internally pulled-up to VDDRF
12
WAKEB
Wakeup (Digital Output): Active-low output that indicates detection of an
incoming RF signal
13
7
CAGC
Automatic Gain Control (Analog I/O): Connect an external capacitor to set
the attack/decay rate of the on-chip automatic gain control
14
SEL1
Bandwidth Selection Bit 1 (Digital Input): Used in conjunction with SEL0 to
set the desired demodulator filter bandwidth. See Table 1. Internally pulled-
up to VDDRF
15
8
REFOSC
Reference Oscillator: Timing reference, sets the RF receive frequency.
16
SWEN
Sweep-Mode Enable (Digital Input): Sweep- or Fixed-mode operation
control input. SWEN high= sweep mode; SWEN low = conventional
superheterodyne receiver. Internally pulled-up to VDDRF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com