Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MICRF002 Datasheet(PDF) 15 Page - Micrel Semiconductor

Part # MICRF002
Description  300-440MHz QwikRadio?줐SK Receiver
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MICRF002 Datasheet(HTML) 15 Page - Micrel Semiconductor

Back Button MICRF002 Datasheet HTML 8Page - Micrel Semiconductor MICRF002 Datasheet HTML 9Page - Micrel Semiconductor MICRF002 Datasheet HTML 10Page - Micrel Semiconductor MICRF002 Datasheet HTML 11Page - Micrel Semiconductor MICRF002 Datasheet HTML 12Page - Micrel Semiconductor MICRF002 Datasheet HTML 13Page - Micrel Semiconductor MICRF002 Datasheet HTML 14Page - Micrel Semiconductor MICRF002 Datasheet HTML 15Page - Micrel Semiconductor MICRF002 Datasheet HTML 16Page - Micrel Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 15 / 16 page
background image
March 2003
15
MICRF002/RF022
MICRF002/RF022
Micrel
PCB Layout Information
The MICRF002 evaluation board was designed and charac-
terized using two sided 0.031 inch thick FR4 material with 1
ounce copper clad. If another type of printed circuit board
material were to be substituted, impedance matching and
characterization data stated in this document may not be
valid. The gerber files for this board can be downloaded from
the Micrel website at www.micrel.com.
PCB Silk Screen
PCB Component Side Layout
PCB Solder Side Layout
R2
10k
C3(CTH)
0.047
µF
C2
0.1
µF
C1
4.7
µF
C4(CAGC)
4.7
µF
Y1
6.7458MHz
MICRF002
REF.OSC.
GND
SHUT
GND
DO
GND
J2
JP2
J5
J4
C5
(Not Placed)
WAKEB
SHUT
DO
VSSBB
VDDRF
VDDBB
CTH
N/C
JP3
JP1
+5V
GND
J3
J1
RF INPUT
Z1
Z3
Z4
Z2
R1
Squelch
Resistor
(Not Placed)
5
6
7
8
12
11
10
9
SWEN
REFOSC
SEL1
CAGC
SEL0
VSSRF
VSSRF
ANT
1
2
3
4
16
15
14
13



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com