Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MICRF002 Datasheet(PDF) 2 Page - Micrel Semiconductor

Part # MICRF002
Description  300-440MHz QwikRadio?줐SK Receiver
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MICRF002 Datasheet(HTML) 2 Page - Micrel Semiconductor

  MICRF002 Datasheet HTML 1Page - Micrel Semiconductor MICRF002 Datasheet HTML 2Page - Micrel Semiconductor MICRF002 Datasheet HTML 3Page - Micrel Semiconductor MICRF002 Datasheet HTML 4Page - Micrel Semiconductor MICRF002 Datasheet HTML 5Page - Micrel Semiconductor MICRF002 Datasheet HTML 6Page - Micrel Semiconductor MICRF002 Datasheet HTML 7Page - Micrel Semiconductor MICRF002 Datasheet HTML 8Page - Micrel Semiconductor MICRF002 Datasheet HTML 9Page - Micrel Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 16 page
background image
MICRF002/RF022
Micrel
MICRF002/RF022
2
March 2003
8-Pin Options
The standard 16-pin package allows complete control of all
configurable features. Some reduced function 8-pin versions
are also available, see “Ordering Information” above.
For high-volume applications additional customized 8-pin
devices can be produced. SWEN, SEL0 and SEL1 pins are
internally bonded to reduce the pin count. pin 6 may be
configured as either SHUT or WAKEB.
Pin Configuration
SEL0
SEL0
SWEN
VSSRF
REFOSC
VSSRF
SEL1
ANT
CAGC
VDDRF
WAKEB
VDDBB
SHUT
CTH
DO
NC
VSSBB
MICRF002Bx
116
215
314
413
512
611
710
89
VSSRF
REFOSC
ANT
CAGC
VDDRF
SHUT/WAKEB
CTH
DO
MICRF022Bx-xxxx
18
27
36
45
Standard 16-Pin or 8-Pin SOP (M) Packages
Ordering Information
Demodulator
WAKEB
Part Number
Bandwidth
Operating Mode
Shutdown
Output Flag
Package
MICRF002BM
User Programable
Fixed or Sweep
Yes
Yes
16-Pin SOP
MICRF022BM-SW48
5000Hz
Sweep
No
Yes
8-Pin SOP
MICRF022BM-FS12
1250Hz
Fixed
Yes
No
8-Pin SOP
MICRF022BM-FS24
2500Hz
Fixed
Yes
No
8-Pin SOP
MICRF022BM-FS48
5000Hz
Fixed
Yes
No
8-Pin SOP
0
L
E
S1
L
E
S
h
t
d
i
w
d
n
a
B
r
o
t
a
l
u
d
o
m
e
D
e
d
o
M
p
e
e
w
Se
d
o
M
D
E
X
I
F
11
z
H
0
0
0
5z
H
0
0
0
0
1
01
z
H
0
0
5
2z
H
0
0
0
5
10
z
H
0
5
2
1z
H
0
0
5
2
00
z
H
5
2
6z
H
0
5
2
1
Table 1. Nominal Demodulator Filter Bandwidth vs.
SEL0, SEL1 and Operating Mode



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com