Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M58LR128KB855 Datasheet(PDF) 35 Page - Numonyx B.V

Part # M58LR128KB855
Description  128 or 256 Mbit (횞16, multiple bank, multilevel interface, burst) 1.8 V supply Flash memories
PDF  110 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NUMONYX [Numonyx B.V]
Direct Link  http://www.numonyx.com
Logo NUMONYX - Numonyx B.V

M58LR128KB855 Datasheet(HTML) 35 Page - Numonyx B.V

Back Button M58LR128KB855 Datasheet HTML 31Page - Numonyx B.V M58LR128KB855 Datasheet HTML 32Page - Numonyx B.V M58LR128KB855 Datasheet HTML 33Page - Numonyx B.V M58LR128KB855 Datasheet HTML 34Page - Numonyx B.V M58LR128KB855 Datasheet HTML 35Page - Numonyx B.V M58LR128KB855 Datasheet HTML 36Page - Numonyx B.V M58LR128KB855 Datasheet HTML 37Page - Numonyx B.V M58LR128KB855 Datasheet HTML 38Page - Numonyx B.V M58LR128KB855 Datasheet HTML 39Page - Numonyx B.V Next Button
Zoom Inzoom in Zoom Outzoom out
 35 / 110 page
background image
M58LR128KT, M58LR128KB, M58LR256KT, M58LR256KB
Status Register
35/111
5.3
Erase/blank check status bit (SR5)
The erase/blank check status bit identifies if there was an error during a block erase
operation. When the erase/blank check status bit is High (set to ‘1’), the Program/Erase
Controller has applied the maximum number of pulses to the block and still failed to verify
that it has erased correctly.
The erase/blank check status bit should be read once the Program/Erase Controller status
bit is High (Program/Erase Controller inactive).
The erase/blank check status bit is also used to indicate whether an error occurred during
the blank check operation. If the data at one or more locations in the block where the Blank
Check command has been issued is different from FFFFh, SR5 is set to '1'.
Once set High, the erase/blank check status bit must be set Low by a Clear Status Register
command or a hardware reset before a new erase command is issued, otherwise the new
command appears to fail.
5.4
Program status bit (SR4)
The program status bit identifies if there was an error during a program operation. It should
be read once the Program/Erase Controller status bit is High (Program/Erase Controller
inactive).
When the program status bit is High (set to ‘1’), the Program/Erase Controller has applied
the maximum number of pulses to the word and still failed to verify that it has programmed
correctly.
Attempting to program a '1' to an already programmed bit while VPP = VPPH also sets the
program status bit High. If VPP is different from VPPH, SR4 remains Low (set to '0') and the
attempt is not shown.
Once set High, the program status bit must be set Low by a Clear Status Register command
or a hardware reset before a new program command is issued, otherwise the new command
appears to fail.
5.5
VPP status bit (SR3)
The VPP status bit identifies an invalid voltage on the VPP pin during program and erase
operations. The VPP pin is only sampled at the beginning of a program or erase operation.
Program and erase operations are not guaranteed if VPP becomes invalid during an
operation
When the VPP status bit is Low (set to ‘0’), the voltage on the VPP pin was sampled at a valid
voltage.
When the VPP status bit is High (set to ‘1’), the VPP pin has a voltage that is below the VPP
lockout voltage, VPPLK, the memory is protected and program and erase operations cannot
be performed.
Once set High, the VPP status bit must be set Low by a Clear Status Register command or a
hardware reset before a new program or erase command is issued, otherwise the new
command appears to fail.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com