Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M58LR128KB855 Datasheet(PDF) 55 Page - Numonyx B.V

Part # M58LR128KB855
Description  128 or 256 Mbit (횞16, multiple bank, multilevel interface, burst) 1.8 V supply Flash memories
PDF  110 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NUMONYX [Numonyx B.V]
Direct Link  http://www.numonyx.com
Logo NUMONYX - Numonyx B.V

M58LR128KB855 Datasheet(HTML) 55 Page - Numonyx B.V

Back Button M58LR128KB855 Datasheet HTML 51Page - Numonyx B.V M58LR128KB855 Datasheet HTML 52Page - Numonyx B.V M58LR128KB855 Datasheet HTML 53Page - Numonyx B.V M58LR128KB855 Datasheet HTML 54Page - Numonyx B.V M58LR128KB855 Datasheet HTML 55Page - Numonyx B.V M58LR128KB855 Datasheet HTML 56Page - Numonyx B.V M58LR128KB855 Datasheet HTML 57Page - Numonyx B.V M58LR128KB855 Datasheet HTML 58Page - Numonyx B.V M58LR128KB855 Datasheet HTML 59Page - Numonyx B.V Next Button
Zoom Inzoom in Zoom Outzoom out
 55 / 110 page
background image
M58LR128KT, M58LR128KB, M58LR256KT, M58LR256KB
Program and erase times and endur-
55/111
Erase
Parameter block (16 Kword)
0.4
2.5
s
Main block (64 Kword)
1
4
s
Program(3)
Single word
Word program
10
170
µs
Buffer enhanced
factory program(4)
2.5
µs
Buffer (32 words)
Buffer program
80
µs
Buffer enhanced
factory program
80
µs
Main block (64
Kwords)
Buffer program
160
ms
Buffer enhanced
factory program
160
ms
Bank (8 Mbits)
Buffer program
1.28
s
Buffer enhanced
factory program
1.28
s
Program/erase cycles
(per block)
Main blocks
1000 cycles
Parameter blocks
2500 cycles
Blank Check
Main blocks
16
ms
Parameter blocks
4
ms
1.
TA = –25 to 85 °C; VDD = 1.7 V to 2 V; VDDQ = 1.7 V to 2 V.
2.
Values are liable to change with the external system-level overhead (command sequence and Status Register polling
execution).
3.
Excludes the time needed to execute the command sequence.
4.
This is an average value on the entire device.
Table 18.
Program/erase times and endurance cycles(1) (2) (continued)
Parameter
Condition
Min
Typ
Typical after
100kW/E
cycles
Max
Unit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com