Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M58LR128KB855 Datasheet(PDF) 67 Page - Numonyx B.V

Part # M58LR128KB855
Description  128 or 256 Mbit (횞16, multiple bank, multilevel interface, burst) 1.8 V supply Flash memories
PDF  110 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NUMONYX [Numonyx B.V]
Direct Link  http://www.numonyx.com
Logo NUMONYX - Numonyx B.V

M58LR128KB855 Datasheet(HTML) 67 Page - Numonyx B.V

Back Button M58LR128KB855 Datasheet HTML 63Page - Numonyx B.V M58LR128KB855 Datasheet HTML 64Page - Numonyx B.V M58LR128KB855 Datasheet HTML 65Page - Numonyx B.V M58LR128KB855 Datasheet HTML 66Page - Numonyx B.V M58LR128KB855 Datasheet HTML 67Page - Numonyx B.V M58LR128KB855 Datasheet HTML 68Page - Numonyx B.V M58LR128KB855 Datasheet HTML 69Page - Numonyx B.V M58LR128KB855 Datasheet HTML 70Page - Numonyx B.V M58LR128KB855 Datasheet HTML 71Page - Numonyx B.V Next Button
Zoom Inzoom in Zoom Outzoom out
 67 / 110 page
background image
M58LR128KT, M58LR128KB, M58LR256KT, M58LR256KB
DC and AC parameters
67/111
Figure 14.
Clock input AC waveform
Table 25.
Synchronous read AC characteristics(1) (2)
1.
Sampled only, not 100% tested.
2.
For other timings please refer to Table 24: Asynchronous read AC characteristics.
Symbol
Alt
Parameter
M58LRxxxKT/B
Unit
70
85
tAVKH
tAVCLKH
Address Valid to Clock High
Min
7
7
ns
tELKH
tELCLKH
Chip Enable Low to Clock High
Min
7
7
ns
tELTV
Chip Enable Low to Wait Valid
Max
14
14
ns
tEHEL
Chip Enable Pulse Width
(subsequent synchronous reads)
Min
14
14
ns
tEHTZ
Chip Enable High to Wait Hi-Z
Max
14
14
ns
tKHAX
tCLKHAX
Clock High to Address Transition
Min
7
7
ns
tKHQV
tKHTV
tCLKHQV
Clock High to Output Valid
Clock High to WAIT Valid
Max
11
14
ns
tKHQX
tKHTX
tCLKHQX
Clock High to Output Transition
Clock High to WAIT Transition
Min
3
3
ns
tLLKH
tADVLCLKH Latch Enable Low to Clock High
Min
7
7
ns
tKHKH
tCLK
Clock Period (f = 54 MHz)
Min
18.5
ns
Clock Period (f = 66 MHz)
15
ns
tKHKL
tKLKH
Clock High to Clock Low
Clock Low to Clock High
Min
4.5
4.5
ns
tf
tr
Clock Fall or Rise Time
Max
3
3
ns
AI06981
tKHKH
tf
tr
tKHKL
tKLKH



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com