Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M58LR128KB855 Datasheet(PDF) 77 Page - Numonyx B.V

Part # M58LR128KB855
Description  128 or 256 Mbit (횞16, multiple bank, multilevel interface, burst) 1.8 V supply Flash memories
PDF  110 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NUMONYX [Numonyx B.V]
Direct Link  http://www.numonyx.com
Logo NUMONYX - Numonyx B.V

M58LR128KB855 Datasheet(HTML) 77 Page - Numonyx B.V

Back Button M58LR128KB855 Datasheet HTML 73Page - Numonyx B.V M58LR128KB855 Datasheet HTML 74Page - Numonyx B.V M58LR128KB855 Datasheet HTML 75Page - Numonyx B.V M58LR128KB855 Datasheet HTML 76Page - Numonyx B.V M58LR128KB855 Datasheet HTML 77Page - Numonyx B.V M58LR128KB855 Datasheet HTML 78Page - Numonyx B.V M58LR128KB855 Datasheet HTML 79Page - Numonyx B.V M58LR128KB855 Datasheet HTML 80Page - Numonyx B.V M58LR128KB855 Datasheet HTML 81Page - Numonyx B.V Next Button
Zoom Inzoom in Zoom Outzoom out
 77 / 110 page
background image
M58LR128KT, M58LR128KB, M58LR256KT, M58LR256KB
Block address tables
77/111
Table 34.
M58LR256KT - main bank base addresses
Bank number(1)
1.
There are two Bank Regions: Bank Region 1 contains all the banks that are made up of main blocks only;
Bank Region 2 contains the banks that are made up of the parameter and main blocks (parameter bank).
Block numbers
Bank base address
1
19-34
E00000
2
35-50
D00000
3
51-66
C00000
4
67-82
B00000
5
83-98
A00000
6
99-114
900000
7
115-130
800000
8
131-146
700000
9
147-162
600000
10
163-178
500000
11
179-194
400000
12
195-210
300000
13
211-226
200000
14
227-242
100000
15
243-258
000000
Table 35.
M58LR256KT - block addresses in main banks
Block number offset
Block base address offset
0
0F0000
1
0E0000
2
0D0000
3
0C0000
4
0B0000
5
0A0000
6
090000
7
080000
8
070000
9
060000
10
050000
11
040000
12
030000
13
020000
14
010000
15
000000



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com