Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M58LR128KB855 Datasheet(PDF) 29 Page - Numonyx B.V

Part # M58LR128KB855
Description  128 or 256 Mbit (횞16, multiple bank, multilevel interface, burst) 1.8 V supply Flash memories
PDF  110 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NUMONYX [Numonyx B.V]
Direct Link  http://www.numonyx.com
Logo NUMONYX - Numonyx B.V

M58LR128KB855 Datasheet(HTML) 29 Page - Numonyx B.V

Back Button M58LR128KB855 Datasheet HTML 25Page - Numonyx B.V M58LR128KB855 Datasheet HTML 26Page - Numonyx B.V M58LR128KB855 Datasheet HTML 27Page - Numonyx B.V M58LR128KB855 Datasheet HTML 28Page - Numonyx B.V M58LR128KB855 Datasheet HTML 29Page - Numonyx B.V M58LR128KB855 Datasheet HTML 30Page - Numonyx B.V M58LR128KB855 Datasheet HTML 31Page - Numonyx B.V M58LR128KB855 Datasheet HTML 32Page - Numonyx B.V M58LR128KB855 Datasheet HTML 33Page - Numonyx B.V Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 110 page
background image
M58LR128KT, M58LR128KB, M58LR256KT, M58LR256KB
Command interface
29/111
4.16
Block Unlock command
The Block Unlock command unlocks a block, allowing the block to be programmed or
erased.
Two bus write cycles are required to issue the Block Unlock command:
●
The first bus cycle sets up the Block Unlock command.
●
The second bus write cycle latches the block address and unlocks the block.
The lock status can be monitored for each block using the Read Electronic Signature
command. Table 17 shows the protection status after issuing a Block Unlock command.
Refer to Section 9: Block locking for a detailed explanation and Appendix C, Figure 24:
Locking operations flowchart and pseudocode for a flowchart for using the Block Unlock
command.
4.17
Block Lock-Down command
The Block Lock-Down command is used to lock down a locked or unlocked block.
A locked-down block cannot be programmed or erased. The lock status of a locked-down
block cannot be changed when WP is low, VIL. When WP is high, VIH, the lock-down function
is disabled and the locked blocks can be individually unlocked by the Block Unlock
command.
Two bus write cycles are required to issue the Block Lock-Down command:
●
The first bus cycle sets up the Block Lock-Down command.
●
The second bus write cycle latches the block address and locks down the block.
The lock status can be monitored for each block using the Read Electronic Signature
command.
Locked-down blocks revert to the locked (and not locked-down) state when the device is
reset on power-down. Table 17 shows the lock status after issuing a Block Lock-Down
command.
Refer to Section 9: Block locking for a detailed explanation and Appendix C, Figure 24:
Locking operations flowchart and pseudocode for a flowchart for using the Lock-Down
command.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com