Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M58PR512LE Datasheet(PDF) 49 Page - Numonyx B.V

Part # M58PR512LE
Description  512-Mbit or 1-Gbit (횞 16, multiple bank, multilevel, burst) 1.8 V supply Flash memories
PDF  123 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NUMONYX [Numonyx B.V]
Direct Link  http://www.numonyx.com
Logo NUMONYX - Numonyx B.V

M58PR512LE Datasheet(HTML) 49 Page - Numonyx B.V

Back Button M58PR512LE Datasheet HTML 45Page - Numonyx B.V M58PR512LE Datasheet HTML 46Page - Numonyx B.V M58PR512LE Datasheet HTML 47Page - Numonyx B.V M58PR512LE Datasheet HTML 48Page - Numonyx B.V M58PR512LE Datasheet HTML 49Page - Numonyx B.V M58PR512LE Datasheet HTML 50Page - Numonyx B.V M58PR512LE Datasheet HTML 51Page - Numonyx B.V M58PR512LE Datasheet HTML 52Page - Numonyx B.V M58PR512LE Datasheet HTML 53Page - Numonyx B.V Next Button
Zoom Inzoom in Zoom Outzoom out
 49 / 123 page
background image
M58PR512LE, M58PR001LE
Status register
49/123
6.2
Object program mode status bit (SR8)
The object program mode status bit, SR8, indicates whether an error occurred while writing
to a program region that was configured in the object program mode.
The SR8 bit should be read once the Program/Erase Controller status bit SR7 is set to ‘1’
(Program/Erase Controller inactive).
SR8 is set to 1 when the user attempts to rewrite an object mode region.
When:
●
SR8 = 0, the program operation completed successfully.
●
SR8 = 1, the program operation failed.
Once set, SR8 can only be cleared by issuing a Clear Status Register command or through
a hardware reset.
SR8 should be cleared before a new program command is issued, otherwise the new
command appears to fail.
6.3
Program/Erase Controller status bit (SR7)
The Program/Erase Controller status bit indicates whether the Program/Erase Controller is
active or inactive in any bank.
When:
●
SR7 = 0, the Program/Erase Controller is active.
●
SR7 = 1, the Program/Erase Controller is inactive, and the device is ready to process a
new command.
The Program/Erase Controller status bit is set to ’0’ immediately after a Program/Erase
Suspend command is issued until the Program/Erase Controller pauses. After the
Program/Erase Controller pauses, the bit is set to ’1’.
6.4
Erase suspend status bit (SR6)
The erase suspend status bit indicates that an erase operation has been suspended in the
addressed block.
When:
●
SR6 = 0, no Program/Erase Suspend command has been issued.
●
SR6 = 1, a Program/Erase Suspend command has been issued and the memory is
waiting for a Program/Erase Resume command.
The erase suspend status bit should only be considered valid when the Program/Erase
Controller status bit is set to ’1’ (Program/Erase Controller inactive). SR6 is set within the
erase suspend latency time of the Program/Erase Suspend command being issued,
therefore, the memory may still complete the operation rather than entering suspend mode.
When a Program/Erase Resume command is issued, the erase suspend status bit is reset
to ’0’.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com