Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M58PR512LE Datasheet(PDF) 73 Page - Numonyx B.V

Part # M58PR512LE
Description  512-Mbit or 1-Gbit (횞 16, multiple bank, multilevel, burst) 1.8 V supply Flash memories
PDF  123 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NUMONYX [Numonyx B.V]
Direct Link  http://www.numonyx.com
Logo NUMONYX - Numonyx B.V

M58PR512LE Datasheet(HTML) 73 Page - Numonyx B.V

Back Button M58PR512LE Datasheet HTML 69Page - Numonyx B.V M58PR512LE Datasheet HTML 70Page - Numonyx B.V M58PR512LE Datasheet HTML 71Page - Numonyx B.V M58PR512LE Datasheet HTML 72Page - Numonyx B.V M58PR512LE Datasheet HTML 73Page - Numonyx B.V M58PR512LE Datasheet HTML 74Page - Numonyx B.V M58PR512LE Datasheet HTML 75Page - Numonyx B.V M58PR512LE Datasheet HTML 76Page - Numonyx B.V M58PR512LE Datasheet HTML 77Page - Numonyx B.V Next Button
Zoom Inzoom in Zoom Outzoom out
 73 / 123 page
background image
M58PR512LE, M58PR001LE
DC and AC parameters
73/123
Table 26.
DC characteristics - currents
Symbol
Parameter
Test condition(1)
Typ
Max
Unit
ILI
Input leakage current
0 V
≤VIN ≤VDDQ
±1
µA
ILO
Output leakage current
0 V
≤VOUT ≤VDDQ
±1
µA
IDD1
Supply current
Asynchronous read (f=5 MHz)
E = VIL, G = VIH
25
30
mA
Supply current
Page read (f=13 MHz)
510
mA
Supply current
Synchronous read (f=66 MHz)
8 word
22
27
mA
16 word
19
21
mA
Continuous
25
29
mA
Supply current
Synchronous read (f = 108 MHz)
8 word
26
31
mA
16 word
23
25
mA
Continuous
30
37
mA
IDD2
Supply current (reset)
RP = VSS ± 0.2 V
512 Mbit
50
160
µA
1 Gbit
70
255
IDD3
Supply current (standby)
E = VDDQ ± 0.2 V
K = VSS
512 Mbit
50
160
µA
1 Gbit
70
255
IDD4
(1)
Supply current (automatic
standby)
E = VIL, G = VIH,
RP = VIH
512 Mbit
50
160
µA
1 Gbit
70
255
IDD5
(2)
Supply current (deep power-
down)
245
µA
IDD6
(3)
Supply current (program)
VPP = VPPH, VPP = VDD
35
50
mA
Supply current (erase)
VPP = VPPH, VPP = VDD
35
55
mA
Supply current (blank check)
VPP = VPPH, VPP = VDD
35
50
mA
IDD7
(3)(4)
Supply current
(dual operations)
Program/erase in one bank,
asynchronous read in
another bank
60
85
mA
Program/erase in one bank,
synchronous read
(continuous, f = 108 MHz) in
another bank
65
92
mA
IDD8
(3)
Supply current program/ erase
suspended (standby)
E = VDDQ ±0.2 V
K = VSS
512 Mbit
50
160
µA
1 Gbit
70
255
IPP1
(3)
VPP supply current (program)
VPP = VPPH
822
mA
VPP = VDD
0.05
0.1
mA
VPP supply current (erase)
VPP = VPPH
822
mA
VPP = VDD
0.05
0.1
mA
IPP2
VPP supply current (read)
VPP ≤VDD
215
µA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com